Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3827-1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC3827-1
Description  BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3827-1 Datasheet(HTML) 2 Page - Texas Instruments

  UC3827-1 Datasheet HTML 1Page - Texas Instruments UC3827-1 Datasheet HTML 2Page - Texas Instruments UC3827-1 Datasheet HTML 3Page - Texas Instruments UC3827-1 Datasheet HTML 4Page - Texas Instruments UC3827-1 Datasheet HTML 5Page - Texas Instruments UC3827-1 Datasheet HTML 6Page - Texas Instruments UC3827-1 Datasheet HTML 7Page - Texas Instruments UC3827-1 Datasheet HTML 8Page - Texas Instruments UC3827-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
UC2827-1, UC2827-2
UC3827-1, UC3827-2
SLUS365D
– APRIL 1999 – REVISED APRIL 2011
www.ti.com
DESCRIPTION (CONTINUED)
The UC3827 can be set up in traditional voltage mode control using input voltage feedforward technique or in
current mode control. Using current mode control prevents potential core saturation of the push-pull transformer
due to mismatches in timing and in component tolerances. With average current mode control, precise control of
the inductor current feeding the push-pull stage is possible without the noise sensitivity associated with peak
current mode control. The UC3827 average current mode loop can also be connected in parallel with the voltage
regulation loop to assist only in fault conditions.
Other valuable features of the UC3827 include bidirectional synchronization capability, user programmable
overlap time (UC3827-1), user programmable gap time (UC3827-2), a high bandwidth differential current sense
amplifier, and soft start circuitry.
ORDERING INFORMATION(1)
PACKAGES
TA = TJ
PUSH-PULL TOPOLOGY
SOIC-24
PDIP-24
PLCC-28
Current Fed
UC2827DW-1
UC2827N-1
-
-40
°C to 85°C
Voltage Fed
UC2827DW-2
UC2827N-2
-
Current Fed
UC3827DW-1
UC3827N-1
UC3827Q-1
0
°C to 70°C
Voltage Fed
UC3827DW-2
UC3827N-2
-
(1)
The DW and Q packages are also available taped and reeled. Add a TR suffix to the device type (i.e., UC2827DWTR-1).
THERMAL INFORMATION
UC2827-1,
UC2827-1,
UC2827-2,
UC2827-2,
UC3827-1,
UC3827-1,
THERMAL METRIC
UNITS
UC3827-2
UC3827-2
N
J
24 PINS
24 PINS
θJA
Junction-to-ambient thermal resistance(1)
60
70 to 80
°C/W
θJCtop
Junction-to-case (top) thermal resistance(2)
30
28
(1)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(2)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
THERMAL INFORMATION
UC2827-1,
UC2827-1,
UC2827-2,
UC2827-2,
UC3827-1,
UC3827-1,
THERMAL METRIC
UNITS
UC3827-2
UC3827-2
DW
(1)QLCC
28 PINS
28 PINS
θJA
Junction-to-ambient thermal resistance(2)
71 to 83
40 to 65
°C/W
θJCtop
Junction-to-case (top) thermal resistance(3)
24
30
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
2
Copyright
© 1999–2011, Texas Instruments Incorporated


Similar Part No. - UC3827-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3827-1 TI-UC3827-1 Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
More results

Similar Description - UC3827-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1827- TI-UC1827- Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
logo
Micrel Semiconductor
MIC3832 MICREL-MIC3832 Datasheet
107Kb / 10P
   Current-Fed PWM Controllers
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UCD8220 TI-UCD8220 Datasheet
2Mb / 32P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220 TI1-UCD8220_16 Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCC38083PW TI1-UCC38083PW Datasheet
936Kb / 26P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGAMMABLE SLOPE COMPENSATION
UCC28083 TI-UCC28083 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com