Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1854BL Datasheet(PDF) 11 Page - Texas Instruments

Part # UC1854BL
Description  ADVANCED HIGH-POWER FACTOR PREREGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1854BL Datasheet(HTML) 11 Page - Texas Instruments

Back Button UC1854BL Datasheet HTML 7Page - Texas Instruments UC1854BL Datasheet HTML 8Page - Texas Instruments UC1854BL Datasheet HTML 9Page - Texas Instruments UC1854BL Datasheet HTML 10Page - Texas Instruments UC1854BL Datasheet HTML 11Page - Texas Instruments UC1854BL Datasheet HTML 12Page - Texas Instruments UC1854BL Datasheet HTML 13Page - Texas Instruments UC1854BL Datasheet HTML 14Page - Texas Instruments UC1854BL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
0
−20
40
20
60
80
100
120
100
1000
10 k
100 k
1 M
10 M
VOLTAGE AMPLIFIER GAIN
vs
FREQUENCY
GAIN
PHASE
f − Frequency − Hz
0
−20
40
20
60
80
100
120
10 k
−60
100 k
−40
0
20
60
80
100
120
1 M
10 M
−20
40
140
CURRENT AMPLIFIER GAIN
vs
FREQUENCY
GAIN
fCO = 5.992 MHz
f − Frequency − Hz
PHASE
−90
−45
−0
OSCILLATOR FREQUENCY
vs
LIMIT SET RESISTANCE AND
TIMING CAPACITANCE
RSET − Multiplier Limit Set Resistance − kΩ
1
0
10
100
10
100
1 k
10 nF
5 nF
2 nF
3 nF
1 nF
500 pF
200 pF
100 pF
UC1854A
UC2854A, UC2854B
UC3854A, UC3854B
SLUS329E – MONTH 2003 – REVISED JANUARY 2008
TYPICAL CHARACTERISTICS (continued)
Figure 5.
Figure 6.
Figure 7.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): UC1854A UC2854A, UC2854B UC3854A, UC3854B


Similar Part No. - UC1854BL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1854BL TI1-UC1854BL Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854BL883B TI1-UC1854BL883B Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
More results

Similar Description - UC1854BL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2854B-EP TI1-UC2854B-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
UC1854B TI-UC1854B Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_13 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI-UC2854B-EP_15 Datasheet
893Kb / 36P
[Old version datasheet]   UC2854B-EP Advanced High-Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com