Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2706M Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UC2706M
Description  Dual Output Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2706M Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC2706M Datasheet HTML 3Page - Texas Instruments UC2706M Datasheet HTML 4Page - Texas Instruments UC2706M Datasheet HTML 5Page - Texas Instruments UC2706M Datasheet HTML 6Page - Texas Instruments UC2706M Datasheet HTML 7Page - Texas Instruments UC2706M Datasheet HTML 8Page - Texas Instruments UC2706M Datasheet HTML 9Page - Texas Instruments UC2706M Datasheet HTML 10Page - Texas Instruments UC2706M Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Dec-2015
Addendum-Page 2
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF UC1706, UC2706, UC2706M, UC3706, UC3706M :
Catalog: UC3706, UC2706, UC3706M, UC3706
Military: UC2706M, UC1706, UC1706
NOTE: Qualified Version Definitions:
Catalog - TI's standard catalog product


Similar Part No. - UC2706M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2706 TI-UC2706 Datasheet
277Kb / 6P
[Old version datasheet]   Dual Output Driver
UC2706 TI-UC2706 Datasheet
715Kb / 10P
[Old version datasheet]   Dual Output Driver
UC2706DW TI1-UC2706DW Datasheet
212Kb / 8P
[Old version datasheet]   Dual Output Driver
UC2706DW TI-UC2706DW Datasheet
715Kb / 10P
[Old version datasheet]   Dual Output Driver
UC2706DWG4 TI1-UC2706DWG4 Datasheet
212Kb / 8P
[Old version datasheet]   Dual Output Driver
More results

Similar Description - UC2706M

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3706 CHERRY-CS3706 Datasheet
151Kb / 6P
   Dual Output Driver
logo
Texas Instruments
UC1706 TI-UC1706 Datasheet
277Kb / 6P
[Old version datasheet]   Dual Output Driver
logo
ON Semiconductor
CS3706 ONSEMI-CS3706 Datasheet
58Kb / 8P
   Dual Output Driver
December, 2001 - Rev. 2
logo
Texas Instruments
UC3706N TI1-UC3706N Datasheet
212Kb / 8P
[Old version datasheet]   Dual Output Driver
UC1706J TI-UC1706J Datasheet
715Kb / 10P
[Old version datasheet]   Dual Output Driver
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
   Dual Bootstrapped MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
   Dual-Output RGB / 6-Channel WLED Driver
logo
Microsemi Corporation
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
   Dual Output Boost - LED Driver / LCD Bias
logo
ON Semiconductor
NCP5810D ONSEMI-NCP5810D Datasheet
361Kb / 14P
   Dual 1 W Output AMOLED Driver Supply
March, 2008 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com