Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT352 Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # MT352
Description  COFDM Demodulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT352 Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MT352 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT352 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT352 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT352 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT352 Datasheet HTML 10Page - Zarlink Semiconductor Inc MT352 Datasheet HTML 11Page - Zarlink Semiconductor Inc MT352 Datasheet HTML 12Page - Zarlink Semiconductor Inc MT352 Datasheet HTML 13Page - Zarlink Semiconductor Inc MT352 Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MT352
Data Sheet
10
Zarlink Semiconductor Inc.
1.4
Adjacent Channel Filtering
Adjacent channels, in particular the Nicam digital sound signal associated with analogue channels, are filtered prior
to the FFT.
1.5
Interpolation and Clock Synchronisation
MT352 uses digital timing recovery and this eliminates the need for an external VCXO. The ADC samples the
signal at a fixed rate, for example, 20.48 MHz. Conversion of the 20.48 MHz signal to the OFDM sample rate is
achieved using the time-varying interpolator. The OFDM sample rate is 64/7 MHz for 8 MHz and this is scaled by
factors 6/8 and 7/8 for 6 and 7 MHz channel bandwidths. The nominal ratio of the ADC to OFDM sample rate is
programmed in a MT352 register (defaults are for 20.48 MHz sampling and 8 MHz OFDM). The clock recovery
phase locked loop in the MT352 compensates for inaccuracies in this ratio due to uncertainties of the frequency of
the sampling clock.
1.6
Carrier Frequency Synchronisation
There can be frequency offsets in the signal at the input to OFDM, partly due to tuner step size and partly due to
broadcast frequency shifts, typically 1/6 MHz. These are tracked out digitally, without the need for an analogue
frequency control (AFC) loop.
The default frequency capture range has been set to ±285 kHz in the 2 K mode and ±142 kHz in the 8 K mode.
However, these values can be doubled, if necessary, by programming an on-chip register. It is recommended that
this larger capture range be used for channel scan in order to find channels with broadcast frequency shifts, without
having to adjust the tuner.
After the OFDM module has locked, the frequency offset can be read from an on-chip register.
1.7
Symbol Timing Synchronisation
This module computes the optimum sample position to trigger the FFT in order to eliminate or minimize inter-
symbol interference in the presence of multi-path distortion. Furthermore, this trigger point is continuously updated
to dynamically adapt to time-variations in the transmission channel.
1.8
Fast Fourier Transform
The FFT module uses the trigger information from the timing synchronization module to set the start point for an
FFT. It then uses either a 2 K or 8K FFT to transform the data from the time domain to the frequency domain. An
extremely hardware-efficient and highly accurate algorithm has been used for this purpose.
1.9
Common Phase Error Correction
This module subtracts the common phase offset from all the carriers of the OFDM signal to minimize the effect of
the tuner phase noise on system performance.
1.10
Channel Equalisation
This consists of two parts. The first part involves estimating the channel frequency response from pilot information.
Efficient algorithms have been used to track time-varying channels with a minimum of hardware. The second part
involves applying a correction to the data carriers based on the estimated frequency response of the channel. This
module also generates dynamic channel state information (CSI) for every carrier in every symbol.
1.11
Impulse Filtering
MT352 contains several mechanisms to reduce the impact of impulse noise on system performance.


Similar Part No. - MT352

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MT3520 YANGJIE-MT3520 Datasheet
98Kb / 2P
   Bridge Rectifier
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
MT35212AE MITEL-MT35212AE Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
MT35212AP MITEL-MT35212AP Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
More results

Similar Description - MT352

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
PS20250 ETC2-PS20250 Datasheet
703Kb / 23P
   Dual COFDM demodulator with PID filters
PS20353 ETC2-PS20353 Datasheet
2Mb / 27P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator
PS20230 ETC2-PS20230 Datasheet
1Mb / 26P
   COFDM demodulator with USB interface for PC-TV
PS20251 ETC2-PS20251 Datasheet
685Kb / 25P
   Dual COFDM demodulator with PID filters and MRC diversity
logo
Zarlink Semiconductor I...
ZL10353 ZARLINK-ZL10353 Datasheet
451Kb / 25P
   Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
ZL10355 ZARLINK-ZL10355 Datasheet
456Kb / 26P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV(DTV)
logo
Intel Corporation
CE6353 INTEL-CE6353 Datasheet
478Kb / 26P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
logo
List of Unclassifed Man...
L64781 ETC2-L64781 Datasheet
167Kb / 4P
   Single-Chip COFDM Receiver
L64782 ETC2-L64782 Datasheet
89Kb / 4P
   Single-Chip COFDM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com