Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5623I Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV5623I
Description  2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5623I Datasheet(HTML) 1 Page - Texas Instruments

  TLV5623I Datasheet HTML 1Page - Texas Instruments TLV5623I Datasheet HTML 2Page - Texas Instruments TLV5623I Datasheet HTML 3Page - Texas Instruments TLV5623I Datasheet HTML 4Page - Texas Instruments TLV5623I Datasheet HTML 5Page - Texas Instruments TLV5623I Datasheet HTML 6Page - Texas Instruments TLV5623I Datasheet HTML 7Page - Texas Instruments TLV5623I Datasheet HTML 8Page - Texas Instruments TLV5623I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TLV5623C, TLV5623I
2.7V TO 5.5V LOW POWER 8BIT DIGITALTOANALOG
CONVERTERS WITH POWER DOWN
SLAS231B − JUNE 1999 − REVISED APRIL 2004
1
WWW.TI.COM
D 8-Bit Voltage Output DAC
D Programmable Settling Time vs Power
Consumption
3
µs in Fast Mode
9
µs in Slow Mode
D Ultra Low Power Consumption:
900
µW Typ in Slow Mode at 3 V
2.1 mW Typ in Fast Mode at 3 V
D Differential Nonlinearity... <0.2 LSB
D Compatible With TMS320 and SPI Serial
Ports
D Power-Down Mode
D Buffered High-Impedance Reference Input
D Monotonic Over Temperature
D Available in MSOP Package
applications
D Digital Servo Control Loops
D Digital Offset and Gain Adjustment
D Industrial Process Control
D Machine and Motion Control Devices
D Mass Storage Devices
description
The TLV5623 is a 8-bit voltage output digital-to-
analog converter (DAC) with a flexible 4-wire
serial interface. The 4-wire serial interface allows
glueless interface to TMS320, SPI, QSPI, and
Microwire serial ports. The TLV5623 is pro-
grammed with a 16-bit serial string containing 4
control and 8 data bits. Developed for a wide
range of supply voltages, the TLV5623 can
operate from 2.7 V to 5.5 V.
The resistor string output voltage is buffered by a x2 gain rail-to-rail output buffer. The buffer features a Class AB
output stage to improve stability and reduce settling time. The settling time of the DAC is programmable to allow
the designer to optimize speed versus power dissipation. The settling time is chosen by the control bits within
the 16-bit serial input string. A high-impedance buffer is integrated on the REFIN terminal to reduce the need
for a low source impedance drive to the terminal.
Implemented with a CMOS process, the TLV5623 is designed for single supply operation from 2.7 V to 5.5 V.
The device is available in an 8-terminal SOIC package. The TLV5623C is characterized for operation from 0
°C
to 70
°C. The TLV5623I is characterized for operation from −40°C to 85°C.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE†
(D)
MSOP
(DGK)
0
°C to 70°C
TLV5623CD
TLV5623CDGK
−40
°C to 85°C
TLV5623ID
TLV5623IDGK
† Available in tape and reel as the TLV5623CDR and the TLV5623IDR
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002 − 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
DIN
SCLK
CS
FS
VDD
OUT
REFIN
AGND
D OR DGK PACKAGE
(TOP VIEW)


Similar Part No. - TLV5623I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5623I TI-TLV5623I Datasheet
242Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623ID TI-TLV5623ID Datasheet
242Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623IDGK TI-TLV5623IDGK Datasheet
242Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results

Similar Description - TLV5623I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5623C TI-TLV5623C Datasheet
242Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623CDG4 TI-TLV5623CDG4 Datasheet
948Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606_15 Datasheet
1,014Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C_15 Datasheet
861Kb / 29P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5617A TI-TLV5617A_15 Datasheet
822Kb / 20P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5619-EP TI-TLV5619-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606 Datasheet
443Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C Datasheet
310Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI1-TLV5606_16 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com