Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5628IDWG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5628IDWG4
Description  OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5628IDWG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV5628IDWG4 Datasheet HTML 5Page - Texas Instruments TLV5628IDWG4 Datasheet HTML 6Page - Texas Instruments TLV5628IDWG4 Datasheet HTML 7Page - Texas Instruments TLV5628IDWG4 Datasheet HTML 8Page - Texas Instruments TLV5628IDWG4 Datasheet HTML 9Page - Texas Instruments TLV5628IDWG4 Datasheet HTML 10Page - Texas Instruments TLV5628IDWG4 Datasheet HTML 11Page - Texas Instruments TLV5628IDWG4 Datasheet HTML 12Page - Texas Instruments TLV5628IDWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TLV5628C, TLV5628I
OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS108A – JANUARY 1995 – REVISED NOVEMBER 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
10 k
CL = 100 pF
TLV5628
DACA
DACB
DACH
Figure 6. Slewing Settling Time and Linearity Measurements
TYPICAL CHARACTERISTICS
Figure 7
02
4
6
8
10
12
POSITIVE RISE TIME AND SETTLING TIME
14
16
18
20
VDD = 3 V
TA = 25°C
Code 00 to
FF Hex
Range =
×2
Vref = 1.25 V
(see Note A)
Time –
µs
–1
– 0.5
0.5
1
1.5
2
2.5
0
3
NOTE A: Rise time = 2.05
µs, positive slew rate = 0.96 V/µs,
settling time = 4.5
µs.
Figure 8
NEGATIVE FALL TIME AND SETTLING TIME
VDD = 3 V
TA = 25°C
Code FF to
00 Hex
Range =
×2
Vref = 1.25 V
(see Note B)
Time –
µs
–1
– 0.5
0.5
1
1.5
2
2.5
0
3
0
2
4
6
8
1012
1416
1820
NOTE B: Fall time = 4.25
µs, negative slew rate = 0.46 V/µs,
settling time = 8.5
µs.


Similar Part No. - TLV5628IDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5628IDW TI-TLV5628IDW Datasheet
214Kb / 14P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLV5628IDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5628C TI-TLV5628C Datasheet
214Kb / 14P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628C TI-TLC5628C_15 Datasheet
383Kb / 17P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628C TI-TLC5628C Datasheet
212Kb / 13P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602CDWR TI-TLC5602CDWR Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com