Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5638QD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5638QD
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5638QD Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV5638QD Datasheet HTML 6Page - Texas Instruments TLV5638QD Datasheet HTML 7Page - Texas Instruments TLV5638QD Datasheet HTML 8Page - Texas Instruments TLV5638QD Datasheet HTML 9Page - Texas Instruments TLV5638QD Datasheet HTML 10Page - Texas Instruments TLV5638QD Datasheet HTML 11Page - Texas Instruments TLV5638QD Datasheet HTML 12Page - Texas Instruments TLV5638QD Datasheet HTML 13Page - Texas Instruments TLV5638QD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
APPLICATION INFORMATION
GENERAL FUNCTION
2 REF
CODE
0x1000
[V]
SERIAL INTERFACE
TMS320
DSP FSX
CLKX
DX
TLV5638
SCLK
DIN
CS
SPI
I/O
SCK
MOSI
TLV5638
SCLK
DIN
CS
Microwire
I/O
SK
SO
TLV5638
SCLK
DIN
CS
SERIAL CLOCK FREQUENCY AND UPDATE RATE
f
sclkmax +
1
t
whmin ) twlmin
+ 20 MHz
f
updatemax +
1
16 t
whmin ) twlmin
+ 1.25 MHz
TLV5638
SLAS225C – JUNE 1999 – REVISED JANUARY 2004
The TLV5638 is a dual 12-bit, single supply DAC, based on a resistor string architecture. It consists of a serial
interface, a speed and power-down control logic, a programmable internal reference, a resistor string, and a
rail-to-rail output buffer.
The output voltage (full scale determined by reference) is given by:
Where REF is the reference voltage and CODE is the digital input value in the range 0x000 to 0xFFF. A power
on reset initially puts the internal latches to a defined state (all bits zero).
A falling edge of CS starts shifting the data bit-per-bit (starting with the MSB) to the internal register on the falling
edges of SCLK. After 16 bits have been transferred or CS rises, the content of the shift register is moved to the
target latches (DAC A, DAC B, BUFFER, CONTROL), depending on the control bits within the data word.
Figure 13 shows examples of how to connect the TLV5638 to TMS320, SPI™, and Microwire™.
Figure 13. Three-Wire Interface
Notes on SPI™ and Microwire™: Before the controller starts the data transfer, the software has to generate a
falling edge on the pin connected to CS. If the word width is 8 bits (SPI™ and Microwire™), two write operations
must be performed to program the TLV5638. After the write operation(s), the holding registers or the control
register are updated automatically on the 16th positive clock edge.
The maximum serial clock frequency is given by:
The maximum update rate is:
Note, that the maximum update rate is just a theoretical value for the serial interface, as the settling time of the
TLV5638 has to be considered, too.
10


Similar Part No. - TLV5638QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5638QD TI1-TLV5638QD Datasheet
679Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638QDG4 TI1-TLV5638QDG4 Datasheet
679Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638QDR TI1-TLV5638QDR Datasheet
679Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638QDREP TI-TLV5638QDREP Datasheet
626Kb / 20P
[Old version datasheet]   Controlled Baseline One Assembly/Test Site, One Fabrication Site
TLV5638QDREP TI1-TLV5638QDREP Datasheet
861Kb / 21P
[Old version datasheet]   2.7-V TO 5.5V LOW-POWER DUAL 12 BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results

Similar Description - TLV5638QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5638 TI-TLV5638 Datasheet
289Kb / 19P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI1-TLV5638_12 Datasheet
679Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638_15 Datasheet
636Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636 Datasheet
260Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636_15 Datasheet
654Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CD TI-TLV5636CD Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626CDR TI-TLV5626CDR Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637 TI-TLV5637 Datasheet
240Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626IDG4 TI-TLV5626IDG4 Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626 TI-TLV5626 Datasheet
226Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com