Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8340ILD-5.0 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP8340ILD-5.0
Description  Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP8340ILD-5.0 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP8340ILD-5.0 Datasheet HTML 1Page - National Semiconductor (TI) LP8340ILD-5.0 Datasheet HTML 2Page - National Semiconductor (TI) LP8340ILD-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LP8340ILD-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LP8340ILD-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LP8340ILD-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LP8340ILD-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LP8340ILD-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LP8340ILD-5.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Connection Diagrams
6-Pin LLP
FIXED OUTPUT VOLTAGE
20060904
Bottom View
6-Pin LLP
ADJUSTABLE OUTPUT VOLTAGE
20060906
Bottom View
Note: VIN Pins (Pin1&6) must be connected together externally for full 1 amp operation (500mA max per pin).
VOUT Sense (Pin 5) must be connected to VOUT (Pin 4).
T0-252
20060905
Top View
www.national.com
3


Similar Part No. - LP8340ILD-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8340ILDX-ADJ TI1-LP8340ILDX-ADJ Datasheet
1Mb / 18P
[Old version datasheet]   LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
LP8340ILDX-ADJ/NOPB TI1-LP8340ILDX-ADJ/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
More results

Similar Description - LP8340ILD-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
   Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
Texas Instruments
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
[Old version datasheet]   LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com