Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFC1010B-154KE Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # RFC1010B-154KE
Description  Power Inductors ??RFC1010 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

RFC1010B-154KE Datasheet(HTML) 3 Page - Coilcraft lnc.

  RFC1010B-154KE Datasheet HTML 1Page - Coilcraft lnc. RFC1010B-154KE Datasheet HTML 2Page - Coilcraft lnc. RFC1010B-154KE Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document 1125-3
PowerInductors–RFC1010Series
Document 1125-3 Revised 01/30/14
Typical L vs Current
Typical L vs Frequency
10
100
1000
10,000
100,000
0.01
0.1
10
1
Current (A)
10,000 µH
3300 µH
1000 µH
330 µH
100 µH
10
100
1000
10,000
100,000
0.01
0.1
10
1
Frequency (MHz)
10,000 µH
3300 µH
1000 µH
330 µH
100 µH
Typical Irms derating


Similar Part No. - RFC1010B-154KE

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC1G18H4-24 RFHIC-RFC1G18H4-24 Datasheet
193Kb / 3P
   Wideband Amplifier
RFC1G18H4-24-S RFHIC-RFC1G18H4-24-S Datasheet
197Kb / 3P
   Wideband Amplifier
RFC1G21H4-24 RFHIC-RFC1G21H4-24 Datasheet
142Kb / 5P
   Wideband Amplifier
RFC1G21H4-24-S RFHIC-RFC1G21H4-24-S Datasheet
1Mb / 5P
   Guaranteed Broadband Power Gain
RFC1G21H4-24-S RFHIC-RFC1G21H4-24-S_14 Datasheet
152Kb / 5P
   Wideband Amplifier
More results

Similar Description - RFC1010B-154KE

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DC1012 COILCRAFT-DC1012_13 Datasheet
193Kb / 2P
   Power Inductors ??DC1012 Series
DR0608 COILCRAFT-DR0608_13 Datasheet
240Kb / 2P
   Power Inductors ??DR0608 Series
logo
List of Unclassifed Man...
RCH875 ETC1-RCH875 Datasheet
21Kb / 1P
   RCH Series Power Inductors
logo
Coilcraft lnc.
XPL2010-103MLB COILCRAFT-XPL2010-103MLB Datasheet
169Kb / 2P
   Power Inductors . XPL2010 Series
DR0810 COILCRAFT-DR0810_13 Datasheet
255Kb / 2P
   Power Inductors ??DR0810 Series
RFC0810 COILCRAFT-RFC0810_15 Datasheet
449Kb / 3P
   Power Inductors ??RFC0810 Series
RFC0807 COILCRAFT-RFC0807_15 Datasheet
419Kb / 3P
   Power Inductors ??RFC0807 Series
logo
Bourns Electronic Solut...
SDR6603-221M BOURNS-SDR6603-221M Datasheet
344Kb / 2P
   SDR6603 Series - SMD Power Inductors
SRP1270 BOURNS-SRP1270 Datasheet
288Kb / 3P
   SRP1270 Series - Shielded Power Inductors
logo
Coilcraft lnc.
DO3316P-224MLB COILCRAFT-DO3316P-224MLB Datasheet
210Kb / 2P
   SMT Power Inductors - DO3316P Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com