Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT352CGGP2Q Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # MT352CGGP2Q
Description  COFDM Demodulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT352CGGP2Q Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  MT352CGGP2Q Datasheet HTML 1Page - Zarlink Semiconductor Inc MT352CGGP2Q Datasheet HTML 2Page - Zarlink Semiconductor Inc MT352CGGP2Q Datasheet HTML 3Page - Zarlink Semiconductor Inc MT352CGGP2Q Datasheet HTML 4Page - Zarlink Semiconductor Inc MT352CGGP2Q Datasheet HTML 5Page - Zarlink Semiconductor Inc MT352CGGP2Q Datasheet HTML 6Page - Zarlink Semiconductor Inc MT352CGGP2Q Datasheet HTML 7Page - Zarlink Semiconductor Inc MT352CGGP2Q Datasheet HTML 8Page - Zarlink Semiconductor Inc MT352CGGP2Q Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MT352
Data Sheet
4
Zarlink Semiconductor Inc.
21
PLLVDD
PLL supply
S
1·8
22
PLLGND
S
0
7, 19, 37, 39, 59, 64
CVDD
Core logic power
S
1·8
2, 13, 45, 54,
VDD
I/O ring power
S
3·3
1, 3, 8, 14, 20, 25, 38,
40, 46, 55, 60
GND
Core and I/O ground
S
0
28
AVDD
ADC analog supply
S
1·8
29, 32
AGND
S
0
33
DVDD
ADC digital supply
S
1·8
34
DGND
S
0
Pin Description Table (continued)
Pin No
Name
Description
I/O
Type
V
mA


Similar Part No. - MT352CGGP2Q

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MT3520 YANGJIE-MT3520 Datasheet
98Kb / 2P
   Bridge Rectifier
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
MT35212AE MITEL-MT35212AE Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
MT35212AP MITEL-MT35212AP Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
More results

Similar Description - MT352CGGP2Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
PS20250 ETC2-PS20250 Datasheet
703Kb / 23P
   Dual COFDM demodulator with PID filters
PS20353 ETC2-PS20353 Datasheet
2Mb / 27P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator
PS20230 ETC2-PS20230 Datasheet
1Mb / 26P
   COFDM demodulator with USB interface for PC-TV
PS20251 ETC2-PS20251 Datasheet
685Kb / 25P
   Dual COFDM demodulator with PID filters and MRC diversity
logo
Zarlink Semiconductor I...
ZL10353 ZARLINK-ZL10353 Datasheet
451Kb / 25P
   Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
ZL10355 ZARLINK-ZL10355 Datasheet
456Kb / 26P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV(DTV)
logo
Intel Corporation
CE6353 INTEL-CE6353 Datasheet
478Kb / 26P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
logo
List of Unclassifed Man...
L64781 ETC2-L64781 Datasheet
167Kb / 4P
   Single-Chip COFDM Receiver
L64782 ETC2-L64782 Datasheet
89Kb / 4P
   Single-Chip COFDM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com