Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT35 Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # MT35
Description  COFDM Demodulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT35 Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button MT35 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT35 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT35 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT35 Datasheet HTML 10Page - Zarlink Semiconductor Inc MT35 Datasheet HTML 11Page - Zarlink Semiconductor Inc MT35 Datasheet HTML 12Page - Zarlink Semiconductor Inc MT35 Datasheet HTML 13Page - Zarlink Semiconductor Inc MT35 Datasheet HTML 14Page - Zarlink Semiconductor Inc MT35 Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MT352
Data Sheet
11
Zarlink Semiconductor Inc.
1.12
Transmission Parameter Signalling (TPS)
An OFDM frame consists of 68 symbols and a superframe is made up of four such frames. There is a set of TPS
carriers in every symbol and all these carry one bit of TPS. These bits, when combined, include information about
the transmission mode, guard ratio, constellation, hierarchy and code rate, as defined in ETS 300 744. In addition,
the first eight bits of the cell identifier are contained in even frames and the second eight bits of the cell identifier are
in odd frames. The TPS module extracts all the TPS data, and presents these to the host processor in a structured
manner.
1.13
De-Mapper
This module generates soft decisions for demodulated bits using the channel-equalized in-phase and quadrature
components of the data carriers as well as per-carrier channel state information (CSI). The de-mapping algorithm
depends on the constellation (QPSK, 16QAM or 64QAM) and the hierarchy
α = 0, 1, 2 or 3). Soft decisions for both
low- and high-priority data streams are generated.
1.14
Symbol and Bit De-Interleaving
The OFDM transmitter interleaves the bits within each carrier and also the carriers within each symbol. The de-
interleaver modules consist largely of memory to invert these interleaving functions and present the soft decisions
to the FEC in the original order.
1.15
Viterbi Decoder
The Viterbi decoder accepts the 5-bit soft decision data from the OFDM demodulator and outputs a decoded bit-
stream. The decoder does the de-puncturing of the input data for all code rates other than 1/2. It then evaluates the
branch metrics and passes these to a 64-state path-metric updating unit, which in turn outputs a 64-bit word to the
survivor memory. The Viterbi decoded bits are obtained by tracing back the survivor paths in this memory. A trace-
back depth of 128 is used to minimize any loss in performance, especially at high code rates.
The decoder re-encodes the decoded bits and compares these with received data (delayed) to compute bit errors
at its input, on the assumption that the Viterbi output BER is significantly lower than its input BER.
1.16
MPEG Frame Aligner
The Viterbi decoded bit stream is aligned into 204-byte frames. A robust synchronization algorithm is used to
ensure correct lock and to prevent loss of lock due to noise impulses.
1.17
De-interleaver
Errors at the Viterbi output occur in bursts and the function of the de-interleaver is to spread these errors over a
number of 204-byte frames to give the Reed-Solomon decoder a better chance of correcting these. The de-
interleaver is a memory unit which implements the inverse of the convolutional interleaving function introduced by
the transmitter.
1.18
Reed-Solomon Decoder
Every 188-byte transport packet is encoded by the transmitter into a 204-byte frame, using a truncated version of a
systematic (255,239) Reed-Solomon code. The corresponding (204,188) Reed-Solomon decoder is capable of
correcting up to eight byte errors in a 204-byte frame. It may also detect frames with more than eight byte errors. In
addition to efficiently performing this decoding function, the Reed-Solomon decoder in MT352 keeps a count of the
number of bit errors corrected over a programmable period and the number of uncorrectable blocks. This
information can be used to compute the post-Viterbi BER.


Similar Part No. - MT35

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT350-UR MARKTECH-MT350-UR Datasheet
39Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT350-UR MARKTECH-MT350-UR Datasheet
42Kb / 1P
   T-1 3/4 TAPERED ULTRA BRIGHT LED LAMPS?
logo
Won-Top Electronics
MT3500 WTE-MT3500 Datasheet
70Kb / 6P
   25, 35A THREE PHASE BRIDGE RECTIFIER
MT3500 WTE-MT3500 Datasheet
83Kb / 7P
   25, 35A GLASS PASSIVATED THREE-PHASE BRIDGE RECTIFIER
MT3501 WTE-MT3501 Datasheet
70Kb / 6P
   25, 35A THREE PHASE BRIDGE RECTIFIER
More results

Similar Description - MT35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
PS20250 ETC2-PS20250 Datasheet
703Kb / 23P
   Dual COFDM demodulator with PID filters
PS20353 ETC2-PS20353 Datasheet
2Mb / 27P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator
PS20230 ETC2-PS20230 Datasheet
1Mb / 26P
   COFDM demodulator with USB interface for PC-TV
PS20251 ETC2-PS20251 Datasheet
685Kb / 25P
   Dual COFDM demodulator with PID filters and MRC diversity
logo
Zarlink Semiconductor I...
ZL10353 ZARLINK-ZL10353 Datasheet
451Kb / 25P
   Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
ZL10355 ZARLINK-ZL10355 Datasheet
456Kb / 26P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV(DTV)
logo
Intel Corporation
CE6353 INTEL-CE6353 Datasheet
478Kb / 26P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
logo
List of Unclassifed Man...
L64781 ETC2-L64781 Datasheet
167Kb / 4P
   Single-Chip COFDM Receiver
L64782 ETC2-L64782 Datasheet
89Kb / 4P
   Single-Chip COFDM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com