Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV27L2CDGK Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV27L2CDGK
Description  FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV27L2CDGK Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV27L2CDGK Datasheet HTML 4Page - Texas Instruments TLV27L2CDGK Datasheet HTML 5Page - Texas Instruments TLV27L2CDGK Datasheet HTML 6Page - Texas Instruments TLV27L2CDGK Datasheet HTML 7Page - Texas Instruments TLV27L2CDGK Datasheet HTML 8Page - Texas Instruments TLV27L2CDGK Datasheet HTML 9Page - Texas Instruments TLV27L2CDGK Datasheet HTML 10Page - Texas Instruments TLV27L2CDGK Datasheet HTML 11Page - Texas Instruments TLV27L2CDGK Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TLV27L1
TLV27L2
SLOS378B − SEPTEMBER 2001 − REVISED MARCH 2012
8
www.ti.com
TYPICAL CHARACTERISTICS
Figure 21
0
2
4
6
8
10
12
14
16
10
100
1000
1 k
10 k
f − Frequency − Hz
PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
VS = 15 V
VS = 5 V
VS = 2.7 V
RL = 100 kΩ,
CL = 10 pF,
THD+N <= 5%
Figure 22
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
−100
0
100 200 300 400 500 600 700
VI = 3 VPP
VO = 3 VPP
t − Time − μs
INVERTING SMALL-SIGNAL
RESPONSE
Gain = −1,
RL = 100 kΩ,
CL = 10 pF,
VS = 5 V,
VO = 3 VPP,
f = 1 kHz
Figure 23
−0.06
−0.04
−0.02
0
0.02
0.04
0.06
−100
0
100 200 300 400 500 600 700
VI = 100 mVPP
VO = 100 mVPP
t − Time − μs
INVERTING LARGE-SIGNAL
RESPONSE
Gain = −1,
RL = 100 kΩ,
CL = 10 pF,
VS = 5 V,
VO = 100 mVPP,
f = 1 kHz
Figure 24
−140
−120
−100
−80
−60
−40
−20
0
10
100
1 k
10 k
100 k
VS = 5 V
RL = 2 kΩ
CL = 10 pF
TA = 25°C
Channel 1 to 2
f − Frequency − Hz
CROSSTALK
vs
FREQUENCY


Similar Part No. - TLV27L2CDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV27L2CD TI-TLV27L2CD Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV27L2CDR TI-TLV27L2CDR Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV27L2CDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2760 TI1-TLV2760_16 Datasheet
1Mb / 46P
[Old version datasheet]   FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2760 TI-TLV2760 Datasheet
470Kb / 27P
[Old version datasheet]   FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
logo
Unisonic Technologies
V2464 UTC-V2464 Datasheet
211Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com