Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5818WS Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # B5818WS
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

B5818WS Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  B5818WS Datasheet HTML 1Page - Diode Semiconductor Korea B5818WS Datasheet HTML 2Page - Diode Semiconductor Korea B5818WS Datasheet HTML 3Page - Diode Semiconductor Korea B5818WS Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schottky Barrier Diode
B5817WS-B5819WS
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test Condition
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR)
IR=1mA
B5817WS
B5818WS
B5819WS
20
30
40
V
Reverse voltage leakage current
IR
VR=20V
B5817WS
VR=30V
B5818WS
VR=40V
B5819WS
1
mA
B5817WS
IF=1A
IF=3A
0.45
0.75
B5818WS
IF=1A
IF=3A
0.55
0.875
Forward voltage
VF
B5819WS
IF=1A
IF=3A
0.6
0.9
V
Diode capacitance
CD
VR=4V,f=1MHz
120
pF
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - B5818WS

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
B5818WS DGNJDZ-B5818WS Datasheet
1Mb / 4P
   SOD-323 Plastic-Encapsulate Diodes
logo
Jiangsu Changjiang Elec...
B5818WS JIANGSU-B5818WS Datasheet
52Kb / 1P
   SCHOTTKY BARRIER DIODE
logo
MAKO SEMICONDUCTOR CO.,...
B5818WS MAKOSEMI-B5818WS Datasheet
165Kb / 2P
   SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
B5818WS BILIN-B5818WS Datasheet
148Kb / 4P
   Schottky Barrier Diode
logo
UN Semiconducctor INC
B5818WS UNSEMI-B5818WS Datasheet
2Mb / 5P
   SOD-323 Plastic-Encapsulate Diodes
Revision March 1,2022
More results

Similar Description - B5818WS

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com