Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JA4667-ALB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # JA4667-ALB
Description  Forward Mode Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

JA4667-ALB Datasheet(HTML) 1 Page - Coilcraft lnc.

  JA4667-ALB Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 824
Document 824 Revised 12/16/11
1. When ordering, please specify a
packaging code:
JA4667-ALD
Packaging: D = 13
″ machine ready reel. EIA-481 embossed plastic
tape (175 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
2. Inductance is measured at 250 kHz, 0.2 Vrms, 0 Adc.
Leakage
Input
Part
Inductance2
DCR max (mOhms)3
inductance4
voltage5
Turns ratio6
number1
min (µH)
pri
sec
bias
max (µH)
range (V)
pri : sec
pri : bias
Output7
JA4249-CL_
90
0.0180
0.015
0.320
0.120
10 – 57
1 : 0.80
1 : 1.9
5 V, 5 A
JA4667-AL_
90
0.0175
0.047
0.320
0.085
10 – 57
1 : 1.9
1 : 1.9
12 V, 2 A
Core material Ferrite
Terminations RoHS tin-silver (96.5/3.5) over tin over nickel over phos
bronze. Other terminations available at additional cost.
Weight 12.1 – 13.1 g
Ambient temperature –40°C to +125°C
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Mean Time Between Failures (MTBF) / Failures in Time (FIT)
26,315,789 hours / 38 per billion hours, Calculated per Telcordia SR-322
Packaging 175 per 13
″ reel Plastic tape: 44 mm wide, 0.4 mm thick,
32 mm pocket spacing, 11.9 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
Dimensions are in
inches
mm
• Developed for the TI TPS23756 High Power/High Efficiency
PoE Interface and DC/DC Controller.
• Designed for forward topology operating at 250 kHz with an
extended input voltage range of 10 – 57 V.
• 1500 Vrms, one minute isolation, primary and bias to secondary
3. DCR for the secondary is measured with the windings connected in
parallel.
4. Leakage inductance is for the primary and is measured with the
secondary shorted.
5. Maximum duty cycle at minimum input voltage is 0.72.
6. Turns ratio is with the primary windings and secondary windings
connected in parallel.
7. Output is with the secondary windings connected in parallel. Bias
winding output is 12 V, 20 mA.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Primary windings and secondary windings
to be connected in parallel on PC board.
ForwardMode Transformers ForTexasInstruments
TPS23756 PoE Interface
0.430
10,92
1.181
30,00
0.969
24,6
max
0.004 / 0,10
max
Recommended
Land Pattern
0.810
20,57
0.827
21,0
0.118
3,00
0.118
3,00
0.050
1,27
0.028
0,70
max
12
1
1
6
7
0.930
23,62
0.130
3,3
Dot indicates pin 1
12
Parts manufactured prior
to December 2011 may
be marked differently.
1
4
2
5
6
3
Primary
Bias
Secondary
7
11
12
8


Similar Part No. - JA4667-ALB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
JA4631-BL AD-JA4631-BL Datasheet
739Kb / 20P
   Isolated Switching Regulator
REV. 0
logo
Coilcraft lnc.
JA4631-BLB COILCRAFT-JA4631-BLB Datasheet
122Kb / 1P
   Isolation Transformers
JA4631-BLD COILCRAFT-JA4631-BLD Datasheet
122Kb / 1P
   Isolation Transformers
JA4631 COILCRAFT-JA4631_13 Datasheet
122Kb / 1P
   Isolation Transformers
JA4635-AL COILCRAFT-JA4635-AL Datasheet
135Kb / 1P
   Flyback Transformers
More results

Similar Description - JA4667-ALB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
FCT1-33D3SL COILCRAFT-FCT1-33D3SL Datasheet
189Kb / 2P
   Forward-Mode Transformers
FCT1-33M22SL COILCRAFT-FCT1-33M22SL Datasheet
149Kb / 1P
   25 W Forward Mode Transformers
FCT1-33K2SL COILCRAFT-FCT1-33K2SL Datasheet
161Kb / 1P
   4 W Forward Mode Transformers
FCT1-33L2SL COILCRAFT-FCT1-33L2SL Datasheet
161Kb / 1P
   8 W Forward-Mode Transformers
FCT1-33M2SL COILCRAFT-FCT1-33M2SL Datasheet
162Kb / 1P
   15 W Forward Mode Transformers
logo
Pulse A Technitrol Comp...
PH9185 PULSE-PH9185 Datasheet
566Kb / 2P
   Switch Mode Transformers
logo
Coilcraft lnc.
RA6999 COILCRAFT-RA6999_14 Datasheet
187Kb / 1P
   Forward Mode Transformer
logo
Delta Electronics, Inc.
DT35-2111T DELTA-DT35-2111T Datasheet
60Kb / 1P
   COMMON MODE CHOKE Transformers
DT35-2004AS DELTA-DT35-2004AS Datasheet
50Kb / 1P
   Telecommunication Common Mode Choke Transformers
logo
Premier Magnetics, Inc.
POL-05006 PMI-POL-05006 Datasheet
301Kb / 9P
   OFF-LINE SWITCH MODE TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com