Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT43W Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAT43W
Description  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAT43W Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAT43W Datasheet HTML 1Page - Diode Semiconductor Korea BAT43W Datasheet HTML 2Page - Diode Semiconductor Korea BAT43W Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diode
BAT42W-BAT43W
FEATURES
Low forward voltage.
Fast switching time.
Surface mount package ideally suited for automatic insertion.
APPLICATIONS
Schottky barrier detector and switching diodes.
SOD-123
ORDERING INFORMATION
Type No.
Marking
Package Code
BAT42W
S7
SOD-123
BAT43W
S8
SOD-123
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak reverse voltage
Working peak
DC Reverse Voltage
VRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Forward continuous Current
IF
200
mA
Repetitive peak Forward Current
IFRM
500
mA
Forward Surge Current
IFSM
4.0
A
Power Dissipation
Pd
200
mW
Thermal resistance,junction to ambient air
RθjA
625
/W
Junction temperature
Tj
125
Storage temperature range
Tstg
-55-125
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAT43W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT43W PANJIT-BAT43W Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAT43W CDIL-BAT43W Datasheet
300Kb / 4P
   SILICON PLANAR SCHOTTKY DIODES
logo
Tak Cheong Electronics ...
BAT43W TAK_CHEONG-BAT43W Datasheet
124Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Schottky Barrier Diode
logo
SHENZHEN SLS TECHNOLOGY...
BAT43W SHENZHENSLS-BAT43W Datasheet
347Kb / 2P
   Plastic-Encapsulate Diodes
logo
Pan Jit International I...
BAT43W PANJIT-BAT43W Datasheet
78Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
More results

Similar Description - BAT43W

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com