Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54W Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BAT54W
Description  Surface Mount Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAT54W Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BAT54W Datasheet HTML 1Page - Diode Semiconductor Korea BAT54W Datasheet HTML 2Page - Diode Semiconductor Korea BAT54W Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface Mount Schottky Barrier Diode
BAT54W/AW/CW/SW
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR)R
IR= 100μA
30
V
Reverse voltage leakage current
IR
VR=25V
2.0
μA
Forward voltage
VF
IF=0.1mA
IF=1mA
IF=10mA
IF=30mA
IF=100mA
240
320
400
500
1000
mV
Diode capacitance
CD
VR=1V f=1MHz
10
pF
Reverse recovery time
trr
IF=IR=10mA RL=100Ω
5
ns
PACKAGE OUTLINE
Plastic surface mounted package
SOT-323
SOT-323
Dim
Min
Max
A
1.8
2.2
B
1.15
1.35
C
1.0Typical
D
0.15
0.35
E
0.25
0.40
G
1.2
1.4
H
0.02
0.1
J
0.1Typical
K
2.1
2.3
All Dimensions in mm
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - BAT54W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54W PANJIT-BAT54W Datasheet
121Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Guangdong Youtai Semico...
BAT54W UMW-BAT54W Datasheet
266Kb / 3P
   Extremely Fast Switching Speed
logo
Diotec Semiconductor
BAT54W DIOTEC-BAT54W Datasheet
149Kb / 2P
   Surface Mount Schottky-Barrier Double-Diodes
logo
Galaxy Semi-Conductor H...
BAT54W BILIN-BAT54W Datasheet
136Kb / 2P
   Surface Mount Schottky Barrier Diode
BAT54W BILIN-BAT54W Datasheet
189Kb / 4P
   Surface Mount Schottky Barrier Diode
More results

Similar Description - BAT54W

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com