Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GA3252 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # GA3252
Description  Power Inductor ??GA3252-AL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

GA3252 Datasheet(HTML) 1 Page - Coilcraft lnc.

  GA3252_13 Datasheet HTML 1Page - Coilcraft lnc. GA3252_13 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
PowerInductor–GA3252-AL
Document 636 -1
Document 636-1 Revised 12/16/11
Core material Ferrite
Terminations RoHS compliant tin-silver (96.5/3.5) over copper. Other
terminations available at additional cost.
Weight 11.6 g
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +85°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Mean Time Between Failures (MTBF) 26,315,789 hours
Packaging 200 per 13
″ reel Plastic tape: 44 mm wide,
0.5 mm thick, 32 mm pocket spacing, 10.4 mm pocket depth
PCB washing Only pure water or alcohol recommended
Part
Inductance2
DCR max3
SRF typ4
Isat (A)5
Irms (A)6
number1
±20% (µH)
(Ohms)
(MHz)
10% drop
20% drop
30% drop
20°C rise 40°C rise
GA3252-AL_
12.0
0.017
20
6.5
8.0
13
6.5
10
1. When ordering, specify
termination and packaging codes:
GA3252-ALD
Termination: L = RoHS compliant tin-silver over copper.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: D = 13
″ machine-ready reel
EIA-481 embossed plastic tape (200 per full reel).
B = Less than full reel
In tape, but not machine ready. To have a leader and
trailer added ($25 charge), use code letter D instead.
2. Inductance tested at 100 kHz, 0.1 Vrms on Agilent/HP 4192A.
3. DCR measured on a Keithley 580 micro-ohmmeter or equivalent.
4. SRF measured on an Agilent/HP 8753ES network analyzer.
5. DC current at which the inductance drops the specified amount from its
value without current.
6. Current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Recommended
Land Pattern
0.940
23,88
0.413
10,50
0.820
20,83
0.820
20,83
0.940
23,88
0.079
2,00
0.700
17,78
max
max
max
0.005 / 0,13 mm
GA3252-AL
XXXX Y
Parts manufactured prior
to December 2011 may
be marked differently.
• High current surface mount toroidal power inductor
• Specified by National Semiconductor for 2 A to 14 A output
applications
For National Semiconductor
LM3433 LED Driver
Dimensions are in
inches
mm


Similar Part No. - GA3252_13

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
GA3250-BLB COILCRAFT-GA3250-BLB Datasheet
122Kb / 1P
   Shielded Coupled Inductor
GA3250-BLC COILCRAFT-GA3250-BLC Datasheet
122Kb / 1P
   Shielded Coupled Inductor
GA3250-BLD COILCRAFT-GA3250-BLD Datasheet
122Kb / 1P
   Shielded Coupled Inductor
GA3250 COILCRAFT-GA3250_12 Datasheet
122Kb / 1P
   Shielded Coupled Inductor
More results

Similar Description - GA3252_13

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
GA3199 COILCRAFT-GA3199_16 Datasheet
156Kb / 2P
   Power Inductor ??GA3199-AL
logo
Littelfuse
HWB60-AL LITTELFUSE-HWB60-AL Datasheet
246Kb / 2P
   HWB60-AL SEALED POWER DISTRIBUTION MODULE
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com