Electronic Components Datasheet Search |
|
TLV2771IDR Datasheet(PDF) 11 Page - Texas Instruments |
|
|
TLV2771IDR Datasheet(HTML) 11 Page - Texas Instruments |
11 / 74 page TLV277x, TLV277xA FAMILY OF 2.7V HIGHSLEW RATE RAILTORAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLOS209G − JANUARY 1998 − REVISED FEBRUARY 2004 11 WWW.TI.COM electrical characteristics at specified free-air temperature, VDD = 2.7 V (unless otherwise noted) (continued) PARAMETER TEST TA† TLV277xI TLV277xAI UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT TLV2770 1.47 1.47 V(ON) Turnon voltage level TLV2773 AV = 5 25 °C 1.43 1.43 V V(ON) Turnon voltage level TLV2775 AV = 5 25 C 1.40 1.4 V TLV2770 1.27 1.27 V(OFF) Turnoff voltage level TLV2773 AV = 5 25 °C 1.21 1.21 V V(OFF) Turnoff voltage level TLV2775 AV = 5 25 C 1.20 1.2 V † Full range is − 40°C to 125°C. operating characteristics at specified free-air temperature, VDD = 2.7 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLV277xI TLV277xAI UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VO(PP) = 0.8 V, CL = 100 pF, 25 °C 5 9 5 9 SR Slew rate at unity gain VO(PP) = 0.8 V, RL = 10 kΩ CL = 100 pF, Full range 4.7 6 4.7 6 V/ µs Vn Equivalent input noise f = 1 kHz 25 °C 21 21 nV/ √Hz Vn Equivalent input noise voltage f = 10 kHz 25 °C 17 17 nV/ √Hz VN(PP) Peak-to-peak equivalent input noise f = 0.1 Hz to 1 Hz 25 °C 0.33 0.33 µV VN(PP) equivalent input noise voltage f = 0.1 Hz to 10 Hz 25 °C 0.86 0.86 µV In Equivalent input noise current f = 100 Hz 25 °C 0.6 0.6 fA / √Hz Total harmonic RL = 600 Ω, AV = 1 0.0085% 0.0085% THD + N Total harmonic distortion plus noise RL = 600 Ω, f = 1 kHz AV = 10 25 °C 0.025% 0.025% THD + N distortion plus noise f = 1 kHz AV = 100 25 C 0.12% 0.12% Gain-bandwidth product f = 10 kHz, CL = 100 pF RL = 600 Ω, 25 °C 4.8 4.8 MHz ts Settling time AV = −1, Step = 0.85 V to 1.85 V, 0.1% 25 °C 0.186 0.186 s ts Settling time 1.85 V, RL = 600 Ω, CL = 100 pF 0.01% 25 °C 3.92 3.92 µs φm Phase margin at unity gain RL = 600 Ω, CL = 100 pF 25 °C 46 ° 46 ° Gain margin RL = 600 Ω, CL = 100 pF 25 °C 12 12 dB † Full range is − 40°C to 125°C. |
Similar Part No. - TLV2771IDR |
|
Similar Description - TLV2771IDR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |