Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO5010H-222ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DO5010H-222ML
Description  SMT Power Inductors - DO5010H Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO5010H-222ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  DO5010H-222ML Datasheet HTML 1Page - Coilcraft lnc. DO5010H-222ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document 284-2
Document 284-2 Revised 02/25/15
SMT Power Inductors - DO5010H Series
Typical L vs Frequency
Typical L vs Current
0.01
0.1
110
1
10
100
10000
0.01
0.1
110
0.1
1000
Frequency (MHz)
0.78 µH
10 µH
100 µH
1000 µH
0.1
1
10
100
1000
10000
0.1
1
10
100
Current (A)
100 µH
10 µH
1000 µH
0.78 µH
0.730
18,54
0.561
14,25
0.200
5,08
max
min
max
0.710
18,03
0.065
1,65
max
max
0.600
15,24
max
Note
0.500
12,70
0.250
6,35
Recommended
Land Pattern
0.626
15,90
0.075
1,90
Note:
Maximum height:
for -781 to -153
for -223 to -683
for -104 to -105
0.315
8,00
0.300
7,62
0.280
7,11
Part Marking
Internal code Dash number
Part marking since Feb. 2005. Parts manufactured
prior to that date mayhave color dots.
Visit www.coilcraft.com/colrpowr.cfm
for color dot marking details.
Irms Derating
Dimensions are in
inches
mm


Similar Part No. - DO5010H-222ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO5010H-222ML COILCRAFT-DO5010H-222ML Datasheet
212Kb / 2P
   SMT Power Inductors
DO5010H-222MLD COILCRAFT-DO5010H-222MLD Datasheet
379Kb / 2P
   SMT Power Inductors - DO5010H Series
More results

Similar Description - DO5010H-222ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO5010H-105MLD COILCRAFT-DO5010H-105MLD Datasheet
379Kb / 2P
   SMT Power Inductors - DO5010H Series
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Coilcraft lnc.
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DS5022P-473MLD COILCRAFT-DS5022P-473MLD Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
SD54 COILCRAFT-SD54_15 Datasheet
454Kb / 2P
   SMT Power Inductors ??SD54 Series
SD43 COILCRAFT-SD43_15 Datasheet
392Kb / 2P
   SMT Power Inductors ??SD43 Series
DAC7571IDBVTG4 COILCRAFT-DAC7571IDBVTG4 Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DO1813H-122MLD COILCRAFT-DO1813H-122MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-122MLD COILCRAFT-DO1813H-122MLD Datasheet
240Kb / 2P
   SMT Power Inductors ??DO1813H Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com