Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1608C-335MLB Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DS1608C-335MLB
Description  Shielded Power Inductors ??DS1608C
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DS1608C-335MLB Datasheet(HTML) 2 Page - Coilcraft lnc.

  DS1608C-335MLB Datasheet HTML 1Page - Coilcraft lnc. DS1608C-335MLB Datasheet HTML 2Page - Coilcraft lnc. DS1608C-335MLB Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shielded Power Inductors – DS1608C
Document 186-2 Revised 02/07/14
Document 186-2
Inductance2
Percent
DCR max
SRF typ
Isat4
Part number1
±20% (µH)
tolerance3
Q min
(Ohms)
(MHz)
(A)
DS1608C-102_L_
1.0
20
,10
30@200 kHz
0.040
250
1.4
DS1608C-152_L_
1.5
20
,10
30@200 kHz
0.045
125
0.93
DS1608C-222_L_
2.2
20
,10
40@200 kHz
0.050
120
0.92
DS1608C-332_L_
3.3
20
,10
40@200 kHz
0.055
120
0.75
DS1608C-472_L_
4.7
20
,10
40@200 kHz
0.060
105
0.58
DS1608C-682_L_
6.8
20
,10
40@200 kHz
0.065
50
0.58
DS1608C-822_L_
8.2
20
,10
40@200 kHz
0.070
42
0.47
DS1608C-103_L_
10
20
,10
40@200 kHz
0.075
38
0.37
DS1608C-153_L_
15
20
,10
40@100 kHz
0.090
33
0.31
DS1608C-223_L_
22
20
,10
40 @ 100 kHz
0.11
25
0.30
DS1608C-333_L_
33
20
,10
40 @ 100 kHz
0.19
20
0.30
DS1608C-473_L_
47
20
,10
40 @ 100 kHz
0.23
20
0.24
DS1608C-683_L_
68
20
,10
40 @ 100 kHz
0.29
15
0.17
DS1608C-104_L_
100
20
,10
40 @ 100 kHz
0.48
10
0.13
DS1608C-154_L_
150
20
,10
40 @ 100 kHz
0.59
9
0.10
DS1608C-224_L_
220
20
,10
40 @ 100 kHz
0.77
6
0.10
DS1608C-334_L_
330
20
,10
40 @ 100 kHz
1.4
5
0.07
DS1608C-474_L_
470
20
,10
40 @ 100 kHz
1.8
4
0.06
DS1608C-684_L_
680
20
,10
40 @ 100 kHz
2.2
3
0.055
DS1608C-105_L_
1000
20
,10
40 @ 100 kHz
3.4
2
0.045
DS1608C-155_L_
1500
20
,10
50 @ 100 kHz
4.2
2
0.035
DS1608C-225_L_
2200
20
,10
50 @ 100 kHz
8.5
2
0.028
DS1608C-335_L_
3300
20
,10
50 @ 100 kHz
11.0
1
0.024
DS1608C-475_L_
4700
20
,10
50 @ 100 kHz
13.9
1
0.021
DS1608C-685_L_
6800
20
,10,5
50 @ 100 kHz
25.0
1
0.019
DS1608C-106_L_
10000
20
,10,5
50 @ 100 kHz
32.8
0.8
0.017
1. When ordering, please specify
tolerance, termination and packaging codes:
DS1608C-106MLC
Tolerance: M = 20%, K = 10%, J = 5% (Table above shows stock tolerances in bold.)
Termination: L = RoHS compliant gold over nickel over moly-manganese
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic tape (750 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape (2500 parts per full reel).
2. Inductance tested at 0.1 Vrms, 100 kHz, 0 Adc.
3. Tolerances in bold are stocked for immediate shipment.
4. DC current at which the inductance drops 30% (typ.) from its value without current.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - DS1608C-335MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DS1608C-335MLB COILCRAFT-DS1608C-335MLB Datasheet
246Kb / 2P
   Shielded Power Inductors - DS1608C
DS1608C-335MLB COILCRAFT-DS1608C-335MLB Datasheet
213Kb / 2P
   Shielded Power Inductors - DS1608C
DS1608C-335MLB COILCRAFT-DS1608C-335MLB Datasheet
213Kb / 2P
   Shielded Power Inductors - DS1608C
More results

Similar Description - DS1608C-335MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DS1608C-103MLC COILCRAFT-DS1608C-103MLC Datasheet
213Kb / 2P
   Shielded Power Inductors - DS1608C
DS1608C-105MLC COILCRAFT-DS1608C-105MLC Datasheet
246Kb / 2P
   Shielded Power Inductors - DS1608C
DS1608C-222MLC COILCRAFT-DS1608C-222MLC Datasheet
213Kb / 2P
   Shielded Power Inductors - DS1608C
DS1608C-474MLC COILCRAFT-DS1608C-474MLC Datasheet
213Kb / 2P
   Shielded Power Inductors ??DS1608C
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com