Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1608C-475MLB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DS1608C-475MLB
Description  Shielded Power Inductors ??DS1608C
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DS1608C-475MLB Datasheet(HTML) 1 Page - Coilcraft lnc.

  DS1608C-475MLB Datasheet HTML 1Page - Coilcraft lnc. DS1608C-475MLB Datasheet HTML 2Page - Coilcraft lnc. DS1608C-475MLB Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shielded Power Inductors–DS1608C
Document 186-1
Document 186-1 Revised 02/07/14
These shielded inductors can help achieve significantly
longer battery life in handheld devices and other portable
products.
They offer high efficiency and small size.Their flat top and
heat resistant materials ensure trouble-free assembly and
reflow operations.
Core material Ferrite
Terminations RoHS compliant electroplated gold (<50 µin) over nickel
over moly-manganese. Other terminations available at additional cost.
Weight 144– 167 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 750/7
″ reel; 2500/13″ reel Plastic tape: 12 mm wide,
0.28 mm thick, 4 mm pocket spacing, 3 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
0.115
2,92 max
Recommended
Land Pattern
0.160
4,06
0.140
3,56
0.055
1,40
0.270
6,86
Dash
number
0.260
6,60
max
0.175
4,45
max
0.090
2,29
0.040
1,02
min
0.170
4,32
0.050
1,27
0.070
1,78
Part marking since Feb. 2005. Parts manufactured
prior to that date mayhave color dots.
Visit www.coilcraft.com/colrpowr.cfm for details.
0.115
2,92 max
Recommended
Land Pattern
0.160
4,06
0.140
3,56
0.055
1,40
0.270
6,86
Dash
number
0.260
6,60
max
0.175
4,45
max
0.090
2,29
0.040
1,02
min
0.170
4,32
0.050
1,27
0.070
1,78
Part marking since Feb. 2005. Parts manufactured
prior to that date mayhave color dots.
Visit www.coilcraft.com/colrpowr.cfm for details.
Coilcraft will continue to manufacture and support
the DS1608C indefinitely. For new designs, consider
the MSS7341, MSS1038 or LPS4018 as alternatives.
These series are more cost effective and offer better
current handling. In addition, the LPS4018 is a signifi-
cantly smaller part.


Similar Part No. - DS1608C-475MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DS1608C-475MLB COILCRAFT-DS1608C-475MLB Datasheet
213Kb / 2P
   Shielded Power Inductors - DS1608C
More results

Similar Description - DS1608C-475MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DS1608C-103MLC COILCRAFT-DS1608C-103MLC Datasheet
213Kb / 2P
   Shielded Power Inductors - DS1608C
DS1608C-105MLC COILCRAFT-DS1608C-105MLC Datasheet
246Kb / 2P
   Shielded Power Inductors - DS1608C
DS1608C-222MLC COILCRAFT-DS1608C-222MLC Datasheet
213Kb / 2P
   Shielded Power Inductors - DS1608C
DS1608C-474MLC COILCRAFT-DS1608C-474MLC Datasheet
213Kb / 2P
   Shielded Power Inductors ??DS1608C
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com