Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV316IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV316IDBVT
Description  10-MHz, Rail-to-Rail Input/Output, Low-Voltage
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV316IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV316IDBVT Datasheet HTML 7Page - Texas Instruments TLV316IDBVT Datasheet HTML 8Page - Texas Instruments TLV316IDBVT Datasheet HTML 9Page - Texas Instruments TLV316IDBVT Datasheet HTML 10Page - Texas Instruments TLV316IDBVT Datasheet HTML 11Page - Texas Instruments TLV316IDBVT Datasheet HTML 12Page - Texas Instruments TLV316IDBVT Datasheet HTML 13Page - Texas Instruments TLV316IDBVT Datasheet HTML 14Page - Texas Instruments TLV316IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
30
40
50
60
70
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
I
SC, Source
I
SC, Sink
0
20
40
60
80
100
10M
100M
1G
10G
Frequency (Hz)
C036
Time (200 ns/div)
CL = 10 pF
CL = 100 pF
C030
CL
RL
±
+
VIN = 100 mVpp
+ 2.75 V
± 2.75 V
Device
+
±
C
L = 10 pF
C
L = 100 pF
Time (100 ns/div)
C031
CL
RL
±
+
VIN = 1 Vpp
+ 2.75 V
± 2.75 V
Device
+
±
V
OUT
V
IN
0
10
20
30
40
50
0p
100p
200p
300p
Capacitive Load (F)
C025
±
+
RI = 1 kohm
VIN = 100 mVpp
+ 2.75 V
± 2.75 V
CL
Device
+
±
RF = 1 kohm
Time (100 s/div)
C027
V
OUT
V
IN
6.1 VPP
Sine Wave
±
+
VOUT
+ 2.75 V
± 2.75 V
Device
+
±
11
TLV316, TLV2316, TLV4316
www.ti.com
SBOS752 – FEBRUARY 2016
Product Folder Links: TLV316 TLV2316 TLV4316
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
V+ = 2.75 V, V– = –2.75 V, G = –1 V/V
Figure 7. Small-Signal Overshoot vs Load Capacitance
V+ = 2.75 V, V– = –2.75 V
Figure 8. No Phase Reversal
V+ = 2.75 V, V– = –2.75 V, G = 1 V/V
Figure 9. Small-Signal Step Response
V+ = 2.75 V, V– = –2.75 V, CL = 100 pF, G = 1 V/V
Figure 10. Large-Signal Step Response
Figure 11. Short-Circuit Current vs Temperature
PRF = –10 dBm
Figure 12. Electromagnetic Interference Rejection Ratio
Referred to Noninverting Input vs Frequency


Similar Part No. - TLV316IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV316IDBVT TI1-TLV316IDBVT Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
More results

Similar Description - TLV316IDBVT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021_06 Datasheet
468Kb / 34P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2006
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
logo
Diodes Incorporated
APX321 DIODES-APX321 Datasheet
670Kb / 18P
   LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
logo
Texas Instruments
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
logo
ON Semiconductor
NCS20166 ONSEMI-NCS20166 Datasheet
1Mb / 13P
   Precision Operational Amplifier, Low Offset, 10MHz, Rail-to-Rail Input/Output
April, 2020 ??Rev. 0
logo
National Semiconductor ...
LMC6681 NSC-LMC6681 Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
logo
Rohm
BD5291GWL ROHM-BD5291GWL Datasheet
1Mb / 28P
   Input/Output Rail to Rail Low Input Offset Voltage Operational Amplifier
02.Sep.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com