Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320DAC32IRHBT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320DAC32IRHBT
Description  LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320DAC32IRHBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV320DAC32IRHBT Datasheet HTML 3Page - Texas Instruments TLV320DAC32IRHBT Datasheet HTML 4Page - Texas Instruments TLV320DAC32IRHBT Datasheet HTML 5Page - Texas Instruments TLV320DAC32IRHBT Datasheet HTML 6Page - Texas Instruments TLV320DAC32IRHBT Datasheet HTML 7Page - Texas Instruments TLV320DAC32IRHBT Datasheet HTML 8Page - Texas Instruments TLV320DAC32IRHBT Datasheet HTML 9Page - Texas Instruments TLV320DAC32IRHBT Datasheet HTML 10Page - Texas Instruments TLV320DAC32IRHBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
AUDIO DATA SERIAL INTERFACE TIMING DIAGRAM
ts(DI)
th(DI)
WCLK
BCLK
SDIN
td(WS)
TLV320DAC32
www.ti.com........................................................................................................................................ SLAS506B – NOVEMBER 2006 – REVISED DECEMBER 2008
ELECTRICAL CHARACTERISTICS (continued)
At 25C, AVDD_DAC, DRVDD, IOVDD = 3.3 V, DVDD = 1.8 V, Fs = 48 kHz, 16-bit audio data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVDD_DAC+DRVDD
4.3
Current
DVDD
2
mA
Fs = 48 kHz, DAC = on, Analog Mixer
DAC +
IOVDD
0.015
= off, Single-Ended Headphone Driver
Headphone
= on, PLL = off, LDO = off, DAC direct
AVDD_DAC+DRVDD
14.2
amplifier
(analog mixer bypassed)
Power
DVDD
3.6
mW
IOVDD
0.05
AVDD_DAC+DRVDD
4.99
Current
DVDD
2.07
mA
DAC +
Analog
Fs = 48 kHz, DAC = on, Analog Mixer
IOVDD
0.015
Mixer +
= on, Single-Ended Headphone Driver
AVDD_DAC+DRVDD
16.5
Headphone
= on, PLL = off, LDO = off
amplifier
Power
DVDD
3.73
mW
IOVDD
0.05
AVDD_DAC+DRVDD
6.08
Current
DVDD
2.81
mA
DAC + PLL
+ Analog
Fs = 48 kHz, DAC = on, Analog Mixer
IOVDD
0.016
Mixer +
= on, Single-Ended Headphone Driver
AVDD_DAC+DRVDD
20.06
Headphone
= on, PLL = on, LDO = off
amplifier
Power
DVDD
5.06
mW
IOVDD
0.05
AVDD_DAC+DRVDD
2
Current
DVDD
0
mA
IOVDD
0
LDO
All circuit blocks = off
AVDD_DAC+DRVDD
6.6
Power
DVDD
0
mW
IOVDD
0
AVDD_DAC+DRVDD
0.1
Current
DVDD
0.5
µA
IOVDD
0.1
All supply voltages applied, all blocks
Power down
programmed in lowest power state
AVDD_DAC+DRVDD
0.33
Power
DVDD
0.9
µW
IOVDD
0.33
Figure 1. I2S/LJF/RJF Timing in Master Mode
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLV320DAC32


Similar Part No. - TLV320DAC32IRHBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320DAC32IRHBT BURR-BROWN-TLV320DAC32IRHBT Datasheet
817Kb / 65P
   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
More results

Similar Description - TLV320DAC32IRHBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320DAC32 BURR-BROWN-TLV320DAC32 Datasheet
817Kb / 65P
   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320DAC32 TI-TLV320DAC32_15 Datasheet
1Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com