Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3704CD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3704CD
Description  FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3704CD Datasheet(HTML) 2 Page - Texas Instruments

  TLV3704CD Datasheet HTML 1Page - Texas Instruments TLV3704CD Datasheet HTML 2Page - Texas Instruments TLV3704CD Datasheet HTML 3Page - Texas Instruments TLV3704CD Datasheet HTML 4Page - Texas Instruments TLV3704CD Datasheet HTML 5Page - Texas Instruments TLV3704CD Datasheet HTML 6Page - Texas Instruments TLV3704CD Datasheet HTML 7Page - Texas Instruments TLV3704CD Datasheet HTML 8Page - Texas Instruments TLV3704CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TLV3701
TLV3702
TLV3704
SLCS137B – NOVEMBER 2000 – REVISED AUGUST 2001
2
www.ti.com
A SELECTION OF OUTPUT COMPARATORS†
DEVICE
VCC
(V)
VIO
(
µV)
ICC/Ch
(
µA)
IIB
(pA)
tPLH
(
µs)
tPHL
(
µs)
tf
(
µs)
tr
(
µs)
RAIL-TO-
RAIL
OUTPUT
STAGE
TLV370x
2.5 – 16
250
0.56
80
56
83
22
8
I
PP
TLV340x
2.5 – 16
250
0.47
80
55
30
5
I
OD
TLC3702/4
3 – 16
1200
9
5
1.1
0.65
0.5
0.125
PP
TLC393/339
3 – 16
1400
11
5
1.1
0.55
0.22
OD
TLC372/4
3 – 16
1000
75
5
0.65
0.65
OD
† All specifications are typical values measured at 5 V.
TLV3701 AVAILABLE OPTIONS
V
max
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)†
SOT-23
(DBV)‡
SYMBOL
PLASTIC DIP
(P)
0
°C to 70°C
5000
µV
TLV3701CD
TLV3701CDBV
VBCC
-40
°C to 125°C
5000
µV
TLV3701ID
TLV3701IDBV
VBCI
TLV3701IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV3701CDR).
‡ This package is only available taped and reeled. For standard quantities (3000 pieces per reel), add an R suffix (i.e., TLV3701CDBVR). For small
quantities (250 pieces per mini-reel), add a T suffix to the part number (e.g., TLV3701CDBVT).
TLV3702 AVAILABLE OPTIONS
V
max
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)†
MSOP
(DGK)†
SYMBOL
PLASTIC DIP
(P)
0
°C to 70°C
5000
µV
TLV3702CD
TLV3702CDGK
xxTIAKC
– 40
°C to 125°C
5000
µV
TLV3702ID
TLV3702IDGK
xxTIAKD
TLV3702IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV3702CDR).
TLV3704 AVAILABLE OPTIONS
Vma
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)†
PLASTIC DIP
(N)
TSSOP
(PW)
0
°C to 70°C
5000
µV
TLV3704CD
TLV3704CPW
– 40
°C to 125°C
5000
µV
TLV3704ID
TLV3704IN
TLV3704IPW
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part
number (e.g., TLV3704CDR).


Similar Part No. - TLV3704CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3704CD TI-TLV3704CD Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3704CDG4 TI-TLV3704CDG4 Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3704CDR TI-TLV3704CDR Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results

Similar Description - TLV3704CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3702QDRG4Q1 TI-TLV3702QDRG4Q1 Datasheet
948Kb / 16P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701-Q1 TI-TLV3701-Q1 Datasheet
326Kb / 12P
[Old version datasheet]   FAMILY OF NANNOPOWER PUSH=PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com