Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320DAC32 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320DAC32
Description  LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320DAC32 Datasheet(HTML) 5 Page - Texas Instruments

  TLV320DAC32 Datasheet HTML 1Page - Texas Instruments TLV320DAC32 Datasheet HTML 2Page - Texas Instruments TLV320DAC32 Datasheet HTML 3Page - Texas Instruments TLV320DAC32 Datasheet HTML 4Page - Texas Instruments TLV320DAC32 Datasheet HTML 5Page - Texas Instruments TLV320DAC32 Datasheet HTML 6Page - Texas Instruments TLV320DAC32 Datasheet HTML 7Page - Texas Instruments TLV320DAC32 Datasheet HTML 8Page - Texas Instruments TLV320DAC32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TLV320DAC32
www.ti.com........................................................................................................................................ SLAS506B – NOVEMBER 2006 – REVISED DECEMBER 2008
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
AVDD_DAC,
Analog supply voltage
2.7
3.3
3.6
V
DRVDD(1)
DVDD(1)
Digital core supply voltage
1.525
1.8
1.95
V
IOVDD(1)
Digital I/O supply voltage
1.1
1.8
3.6
V
VI
Analog full-scale 0-dB input voltage (DRVDD = 3.3 V)
0.707
VRMS
Stereo headphone-output load resistance
16
Digital output load capacitance
10
pF
TA
Operating free-air temperature
–40
85
C
(1)
Analog voltage values are with respect to AVSS_DAC, DRVSS; digital voltage values are with respect to IOVSS.
At 25C, AVDD_DAC, DRVDD, IOVDD = 3.3 V, DVDD = 1.8 V, Fs = 48 kHz, 16-bit audio data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG MIXER
Input resistance
LINE inputs
100
k
Input capacitance
LINE inputs
10
pF
Input volume control
minimum attenuation
0
dB
setting
Input volume control
maximum attenuation
78
dB
setting
Input volume control
0.5
dB
attenuation step size
MICROPHONE BIAS
2.0
2.25
2.5
2.75
Bias voltage
Programmable settings, load = 750
V
DRVDD-
0.2
Current sourcing
2.5-V Setting
4
mA
DAC DIGITAL
INTERPOLATION
Fs = 48 kHz
FILTER
Passband
High-pass filter disabled
0.45
Ӧs
Hz
Passband ripple
High-pass filter disabled
0.06
dB
Transition band
0.45
Ӧs
0.55
Ӧs
Hz
Stopband
0.55
Ӧs
7.5
Ӧs
Hz
Stopband attenuation
65
dB
Group delay
21/Fs
Sec
SINGLE-ENDED STEREO
AC-coupled output configuration(1)
HEADPHONE DRIVER
0-dB full-scale output
0-dB Gain to high power outputs. Output
0.65
VRMS
voltage
common-mode voltage setting = 1.65 V
First option
1.35
Programmable output
Second option
1.50
common mode voltage
V
(applicable to Line
Third option
1.65
Outputs also)
Fourth option
1.8
(1)
Unless otherwise noted, all measurements use output common-mode voltage setting of 1.35 V, 0-dB output level control gain, 16-
single-ended load.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLV320DAC32


Similar Part No. - TLV320DAC32

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320DAC32 BURR-BROWN-TLV320DAC32 Datasheet
817Kb / 65P
   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
TLV320DAC3202CYZJR TI1-TLV320DAC3202CYZJR Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
TLV320DAC3202CYZJT TI1-TLV320DAC3202CYZJT Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
More results

Similar Description - TLV320DAC32

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320DAC32 BURR-BROWN-TLV320DAC32 Datasheet
817Kb / 65P
   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320DAC32 TI-TLV320DAC32_15 Datasheet
1Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com