Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3704IPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3704IPWR
Description  FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3704IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV3704IPWR Datasheet HTML 3Page - Texas Instruments TLV3704IPWR Datasheet HTML 4Page - Texas Instruments TLV3704IPWR Datasheet HTML 5Page - Texas Instruments TLV3704IPWR Datasheet HTML 6Page - Texas Instruments TLV3704IPWR Datasheet HTML 7Page - Texas Instruments TLV3704IPWR Datasheet HTML 8Page - Texas Instruments TLV3704IPWR Datasheet HTML 9Page - Texas Instruments TLV3704IPWR Datasheet HTML 10Page - Texas Instruments TLV3704IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TLV3701
TLV3702
TLV3704
SLCS137B – NOVEMBER 2000 – REVISED AUGUST 2001
7
www.ti.com
TYPICAL CHARACTERISTICS
Figure 4
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH – High-Level Output Current – mA
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4
VCC = 2.7 V
VID = –1 V
TA = 125°C
TA = 25°C
TA = 70°C
0.45
TA = 0°C
TA = –40°C
Figure 5
0
2
2.5
3
3.5
4.5
5
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
0.5
1
1.5
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
VCC = 5 V
VID = –1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = –40°C
4
Figure 6
0
2
2.5
3
3.5
4.5
5
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH – High-Level Output Current – mA
0.5
1
1.5
0
0.2 0.4
0.6 0.8 1.0 1.2
1.4
TA = 125°C
TA = 70°C
4
1.6 1.8
VCC = 5 V
VID = –1 V
TA = 25°C
TA = –40°C
TA = 0°C
Figure 7
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
0
1.5
3
4.5
6
7.5
9
10.5
12
13.5
15
012
34
567
89
VCC = 15 V
VID = –1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = –40°C
Figure 8
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
0
1.5
3
4.5
6
7.5
9
10.5
12
13.5
15
012
34
567
89
VCC = 15 V
VID = –1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = –40°C
IOH – High-Level Output Current – mA
Figure 9
600
100
0
VCC – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
200
300
400
500
700
800
2
4
6
8
10
12
14
VID = –1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = –40°C
16
Figure 10
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 2.7 V, 5 V, 15 V
VID = –1 V
0
100
200
300
400
500
600
700
–40 –25 –10
5
20 35 50 65 80 95 110 125
Figure 11
0
20
40
60
80
100
120
0
2.5
5
7.5
10
12.5
15
VCC – Supply Voltage – V
OUTPUT RISE/FALL TIME
vs
SUPPLY VOLTAGE
VID= 1 V to –1 V
Input Rise/Fall Time = 4
µs
CL = 10 pF
TA = 25°C
Fall Time
Rise Time


Similar Part No. - TLV3704IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3704IPWR TI-TLV3704IPWR Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3704IPWRG4 TI-TLV3704IPWRG4 Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results

Similar Description - TLV3704IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3702QDRG4Q1 TI-TLV3702QDRG4Q1 Datasheet
948Kb / 16P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701-Q1 TI-TLV3701-Q1 Datasheet
326Kb / 12P
[Old version datasheet]   FAMILY OF NANNOPOWER PUSH=PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com