Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2763CDR Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV2763CDR
Description  FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2763CDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2763CDR Datasheet HTML 7Page - Texas Instruments TLV2763CDR Datasheet HTML 8Page - Texas Instruments TLV2763CDR Datasheet HTML 9Page - Texas Instruments TLV2763CDR Datasheet HTML 10Page - Texas Instruments TLV2763CDR Datasheet HTML 11Page - Texas Instruments TLV2763CDR Datasheet HTML 12Page - Texas Instruments TLV2763CDR Datasheet HTML 13Page - Texas Instruments TLV2763CDR Datasheet HTML 14Page - Texas Instruments TLV2763CDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
TLV2760, TLV2761, TLV2762, TLV2763, TLV2764, TLV2765
FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS326F − JUNE 2000 − REVISED AUGUST 2013
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 16
0.04
0.08
0.12
0.16
0.20
0.28
0.32
VDD = 1.8 V
AV = 1
RL=300 kΩ
CL=50 pF
VIC = VDD/2
SR−
SLEW RATE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
0.00
SR+
0.24
−40 −25 −10
5
20
355065
80 85
Figure 17
0.08
0.12
0.16
0.20
0.24
0.28
0.32
−40
−15
10
35
60
85
SLEW RATE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
SR−
0.00
0.04
SR+
VDD = 2.4 V
AV = 1
RL= 300 kΩ
CL = 50 pF
VIC = VDD/2
Figure 18
0
10
20
30
40
50
60
70
80
90
10
100
1k
PHASE MARGIN
vs
LOAD CAPACITANCE
CL − Load Capacitance − pF
Rnull=100 Ω
Rnull=0 Ω
VDD = 2.4 V
RL = 300 kΩ
AV = Open Loop
TA = 25°C
Figure 19
150
200
250
300
350
400
450
500
10
100
1k
10k
100k
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
f − Frequency − Hz
0
50
100
VDD = 1.8 V
VDD = 2.4 V
TA = 25°C
Figure 20
01
2
3
4
5
t − Time − μs
SUPPLY CURRENT AND OUTPUT VOLTAGE
vs
TIME
VDD = 3.6 V
AV = 1
VIN = VDD/2
RL = 300 kΩ
CL = 10 pF
TA = 25°C
IDD
VO
0
0.5
1
1.5
2
−0.5
0
5
10
15
20
Figure 21
1
1.5
0 0.2 0.4 0.6 0.8
1 1.2 1.4 1.6 1.8
0.5
1
1.5
2
2.5
t − Time − μs
VOLTAGE-FOLLOWER LARGE-SIGNAL PULSE RESPONSE
vs
TIME
VDD = 2.4 V
AV =1
RL = 300 kΩ
CL = 10 pF
TA = 25°C
VO
0
0.5
2
2.5
0
VI
Figure 22
t − Time − μs
VOLTAGE-FOLLOWER SMALL-SIGNAL PULSE RESPONSE
vs
TIME
1.14
1.16
1.18
1.20
01
23
4
5
6
7
1.18
1.20
1.22
1.24
1.26
VO
1.22
1.24
1.26
1.14
1.16
8
VDD = 2.4 V
AV = 1
RL = 300 kΩ
CL = 10 pF
TA = 25°C
VI


Similar Part No. - TLV2763CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2763CDR TI-TLV2763CDR Datasheet
470Kb / 27P
[Old version datasheet]   FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
More results

Similar Description - TLV2763CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV27L1 TI1-TLV27L1_15 Datasheet
831Kb / 22P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
   Output rail-to-rail micropower operational amplifiers
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS94X STMICROELECTRONICS-TS94X Datasheet
319Kb / 18P
   Output rail-to-rail micropower operational amplifiers
October 2009 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com