Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2782CDG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2782CDG4
Description  FAMILY OF 1.8V HIGHT-SPEED RAIL-TORAIL INPUT/OUTPUT
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2782CDG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2782CDG4 Datasheet HTML 6Page - Texas Instruments TLV2782CDG4 Datasheet HTML 7Page - Texas Instruments TLV2782CDG4 Datasheet HTML 8Page - Texas Instruments TLV2782CDG4 Datasheet HTML 9Page - Texas Instruments TLV2782CDG4 Datasheet HTML 10Page - Texas Instruments TLV2782CDG4 Datasheet HTML 11Page - Texas Instruments TLV2782CDG4 Datasheet HTML 12Page - Texas Instruments TLV2782CDG4 Datasheet HTML 13Page - Texas Instruments TLV2782CDG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
TLV2780, TLV2781, TLV2782, TLV2783, TLV2784, TLV2785, TLV278xA
FAMILY OF 1.8 V HIGHSPEED RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS245E − MARCH 2000 − REVISED JANUARY 2005
10
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 10
0
100
200
300
400
500
600
700
0
0.6
1.2
1.8
2.4
3
3.6
AV= 1
VIC = VDD/2 V
VDD − Supply Voltage − V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
TA = −40°C
TA = 25°C
TA = 125°C
Figure 11
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
−40 −25 −10 5 20 35 50 65 80 95 110 125
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
AV = 1
VIC = VDD/2
VDD = 3.6 V
VDD = 2.7 V
VDD = 1.8 V
Figure 12
0
20
40
60
80
100
120
10
100
1 k
10 k
100 k 1 M
10 M
VDD=2.7 V
TA=25°C
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
f − Frequency − Hz
Figure 13
240
210
180
150
120
90
60
30
0
−30
−60
−90
−120
0
20
40
70
80
1 k
10 k
100 k
DIFFERENTIAL VOLTAGE AMPLIFICATION AND PHASE
vs
FREQUENCY
f − Frequency − Hz
60
50
30
10
−10
−20
−30
−40
1 M
10 M
VDD = 1.8 V & 2.7 V
RL= 2 kΩ
CL = 10 pF
TA = 25° C
Gain
Phase
Figure 14
0
1
2
3
4
5
6
7
8
9
−40 −25 −10 5 20 35 50 65 80 95 110 125
RL = 2 kΩ
CL = 10 pF
f = 10 kHz
VDD = 1.8 V
VDD = 2.7 V
TA − Free-Air Temperature − °C
GAIN-BANDWIDTH PRODUCT
vs
FREE-AIR TEMPERATURE
Figure 15
0
1
2
3
4
5
6
7
8
1.8
2
2.2 2.4 2.6 2.8
3
3.2 3.4 3.6
SR−
SR+
SLEW RATE
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
AV = 1
RL = 2 kΩ
CL =10 pF
VO = 1 VPP
VIC = VDD/2
TA = 25° C
Figure 16
0
1
2
3
4
5
6
−40 −25 −10 5 20 35 50 65 80 95 110 125
VDD = 1.8 V
AV = 1
RL=2 kΩ
CL=10 pF
VIC = VDD/2
SR−
SR+
SLEW RATE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
Figure 17
0
1
2
3
4
5
6
−40 −25 −10 5 20 35 50 65 80 95 110 125
VDD = 2.7 V
AV = 1
RL= 2 kΩ
CL = 10 pF
VO = 1 VPP
VIC = VDD/2
SR+
SLEW RATE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
SR−


Similar Part No. - TLV2782CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2782CDGK TI-TLV2782CDGK Datasheet
501Kb / 26P
[Old version datasheet]   FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2782CDGK TI-TLV2782CDGK Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2782CDGKR TI-TLV2782CDGKR Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2782CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2780 TI-TLV2780 Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
501Kb / 26P
[Old version datasheet]   FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com