Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3702-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3702-Q1
Description  FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3702-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV3702-Q1 Datasheet HTML 2Page - Texas Instruments TLV3702-Q1 Datasheet HTML 3Page - Texas Instruments TLV3702-Q1 Datasheet HTML 4Page - Texas Instruments TLV3702-Q1 Datasheet HTML 5Page - Texas Instruments TLV3702-Q1 Datasheet HTML 6Page - Texas Instruments TLV3702-Q1 Datasheet HTML 7Page - Texas Instruments TLV3702-Q1 Datasheet HTML 8Page - Texas Instruments TLV3702-Q1 Datasheet HTML 9Page - Texas Instruments TLV3702-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TLV3701
TLV3702
TLV3704
SLCS137B – NOVEMBER 2000 – REVISED AUGUST 2001
6
www.ti.com
switching characteristics at recommended operating conditions, VCC = 2.7 V, 5 V, 15 V, TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pti
ti
l
t hi h l
l
Overdrive = 2 mV
240
t(PLH)
Propagation response time, low-to-high-level
output (see Note 3)
f=10kHz
Overdrive = 10 mV
64
t(PLH)
output (see Note 3)
f = 10 kHz,
VSTEP = 100 mV,
Overdrive = 50 mV
36
s
Pti
ti
hi h t l
l
l
VSTEP = 100 mV,
CL = 10 pF,
V2 7 V
Overdrive = 2 mV
167
µs
t(PHL)
Propagation response time, high-to-low-level
output (see Note 3)
L
VCC = 2.7 V
Overdrive = 10 mV
67
t(PHL)
output (see Note 3)
Overdrive = 50 mV
37
tr
Rise time
CL = 10 pF, VCC = 2.7 V
7
µs
tf
Fall time
CL = 10 pF, VCC = 2.7 V
9
µs
NOTE 3: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V. Propagation
responses are longer at higher supply voltages, refer to Figures 12–17 for further details.
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Input bias/offset current
vs Free-air temperature
1
Open collector leakage current
vs Free-air temperature
2
VOL
Low-level output voltage
vs Low-level output current
3, 5, 7
VOH
High-level output voltage
vs High-level output current
4, 6, 8
I
Supply current
vs Supply voltage
9
ICC
Supply current
vs Free-air temperature
10
Output fall time/rise time
vs Supply voltage
11
Low-to-high level output response for various input overdrives
12, 14, 16
High-to-low level output response for various input overdrives
13, 15, 17
–200
0
200
400
600
800
1000
1200
–40
–10
20 35
65
125
INPUT BIAS/OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
IIB
IIO
VCC = 15 V
Figure 1
–25
5
50
80 95 110
Figure 2
–200
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
–40 –25 –10 5
20 35 50 65 80 95 110 125
OPEN COLLECTOR LEAKAGE CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 15 V
VCC = 2.7 V, 5 V
VID = 1 V
Figure 3
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VCC = 2.7 V
VID = –1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = –40°C


Similar Part No. - TLV3702-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3702-Q1 TI-TLV3702-Q1 Datasheet
326Kb / 12P
[Old version datasheet]   FAMILY OF NANNOPOWER PUSH=PULL OUTPUT COMPARATORS
TLV3702-Q1 TI-TLV3702-Q1 Datasheet
948Kb / 16P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3702-Q1 TI1-TLV3702-Q1 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3702-Q1 TI1-TLV3702-Q1 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results

Similar Description - TLV3702-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3702QDRG4Q1 TI-TLV3702QDRG4Q1 Datasheet
948Kb / 16P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701-Q1 TI-TLV3701-Q1 Datasheet
326Kb / 12P
[Old version datasheet]   FAMILY OF NANNOPOWER PUSH=PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com