Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS36C279N Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS36C279N
Description  Low Power EIA-RS-485 Transceiver with Sleep Mode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS36C279N Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DS36C279N Datasheet HTML 2Page - National Semiconductor (TI) DS36C279N Datasheet HTML 3Page - National Semiconductor (TI) DS36C279N Datasheet HTML 4Page - National Semiconductor (TI) DS36C279N Datasheet HTML 5Page - National Semiconductor (TI) DS36C279N Datasheet HTML 6Page - National Semiconductor (TI) DS36C279N Datasheet HTML 7Page - National Semiconductor (TI) DS36C279N Datasheet HTML 8Page - National Semiconductor (TI) DS36C279N Datasheet HTML 9Page - National Semiconductor (TI) DS36C279N Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Unit Load (Continued)
allow signals to be transferred to and from each individual
seat to 1 main station. Usually there is one or two less seats
in the last row of the aircraft near the restrooms and food
storage area. This frees the node for the main station.
The DS36C278, the DS36C279, and the DS36C280 all have
1
2 unit load and 14 unit load (UL) options available. These
devices will allow up to 64 nodes or 128 nodes guaranteed
over temperature depending upon which option is selected.
The 12 UL option is available in industrial temperature and
the 14 UL is available in commercial temperature.
First, for a 12 UL device the top and bottom borders shown in
Figure 19 are scaled. Both 0 mA reference points at +5V and
−3V stay the same. The other reference points are +12V at
+0.5 mA for the top border and −7V at −0.4 mA for the bot-
tom border (see
Figure 19). Second, for a 14 UL device the
top and bottom borders shown in
Figure 19 are scaled also.
Again, both 0 mA reference points at +5V and −3V stay the
same. The other reference points are +12V at +0.25 mA for
the top border and −7V at −0.2 mA for the bottom border
(see
Figure 19).
The advantage of the 12 UL and 14 UL devices is the in-
creased number of nodes on one bus. In a single master
multi-slave type of application where the number of slaves
exceeds 32, the DS36C278/279/280 may save in the cost of
extra devices like repeaters, extra media like cable, and/or
extra components like resistors.
The DS36C279 and DS36C280 have an additional feature
which offers more advantages. The DS36C279 has an auto-
matic sleep mode function for power conscious applications.
The DS36C280 has a slew rate control for EMI conscious
applications. Refer to the sleep mode and slew rate control
portion of the application information section in the corre-
sponding datasheet for more information on these features.
Sleep Mode
The DS36C279 features an automatic shutdown mode that
allows the device to save power when not transmitting data.
Since the shutdown mode is automatic, no external compo-
nents are required. It may be used as little or as much as the
application requires. The more the feature is utilized, the
more power it saves.
The sleep mode is automatically entered when both the
driver and receiver are disabled. This occurs when both the
DE pin is asserted to a logic low and the RE* pin is asserted
to a logic high. Once both pins are asserted the device will
enter sleep mode typically in 50 ns. The DS36C279 is guar-
anteed to go into sleep mode within 600 ns after both pins
are asserted. The device wakes up (comes out of sleep
mode) when either the DE pin is asserted to a logic high
and/or the RE* pin is asserted to a logic low. After the device
enters sleep mode it will take longer for the device to wake
up than it does for the device to enable from TRI-STATE. Re-
fer to datasheet specifications t
PSL and tPSH and compare
with t
PZL and tPZH for timing differences.
The benefit of the DS36C279 is definitely its power savings.
When active the device has a maximum I
CC of 500 µA.
When in sleep mode the device has a maximum I
CC of only
10 µA, which is 50 times less power than when active. The
I
CC when the device is active is already very low but when in
sleep mode the I
CC is ultra low.
DS012053-20
FIGURE 19. Input Current vs Input Voltage
Operating Range
www.national.com
8


Similar Part No. - DS36C279N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C279 NSC-DS36C279 Datasheet
567Kb / 10P
   Low Power EIA-RAS-485 Transceiver with Sleep Mode
logo
Texas Instruments
DS36C279 TI1-DS36C279 Datasheet
880Kb / 18P
[Old version datasheet]   DS36C279 Low Power EIA-RS-485 Transceiver with Sleep Mode
DS36C279M/NOPB TI1-DS36C279M/NOPB Datasheet
880Kb / 18P
[Old version datasheet]   DS36C279 Low Power EIA-RS-485 Transceiver with Sleep Mode
DS36C279MX/NOPB TI1-DS36C279MX/NOPB Datasheet
880Kb / 18P
[Old version datasheet]   DS36C279 Low Power EIA-RS-485 Transceiver with Sleep Mode
logo
National Semiconductor ...
DS36C279TM NSC-DS36C279TM Datasheet
567Kb / 10P
   Low Power EIA-RAS-485 Transceiver with Sleep Mode
More results

Similar Description - DS36C279N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS36C279 TI1-DS36C279_14 Datasheet
880Kb / 18P
[Old version datasheet]   DS36C279 Low Power EIA-RS-485 Transceiver with Sleep Mode
logo
National Semiconductor ...
DS36C279 NSC-DS36C279_00 Datasheet
567Kb / 10P
   Low Power EIA-RAS-485 Transceiver with Sleep Mode
DS481 NSC-DS481 Datasheet
156Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
DS481 NSC-DS481_00 Datasheet
549Kb / 8P
   Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
Texas Instruments
DS481 TI1-DS481_14 Datasheet
854Kb / 17P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
   Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM1485 AD-ADM1485 Datasheet
139Kb / 8P
   -5 V Low Power EIA RS-485 Transceiver
REV. A
ADM485 AD-ADM485 Datasheet
133Kb / 8P
   5 V Low Power EIA RS-485 Transceiver
REV. A
logo
Texas Instruments
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
[Old version datasheet]   DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com