Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5510IPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV5510IPWR
Description  2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5510IPWR Datasheet(HTML) 1 Page - Texas Instruments

  TLV5510IPWR Datasheet HTML 1Page - Texas Instruments TLV5510IPWR Datasheet HTML 2Page - Texas Instruments TLV5510IPWR Datasheet HTML 3Page - Texas Instruments TLV5510IPWR Datasheet HTML 4Page - Texas Instruments TLV5510IPWR Datasheet HTML 5Page - Texas Instruments TLV5510IPWR Datasheet HTML 6Page - Texas Instruments TLV5510IPWR Datasheet HTML 7Page - Texas Instruments TLV5510IPWR Datasheet HTML 8Page - Texas Instruments TLV5510IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLV5510
2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
SLAS124C– DECEMBER 1997 – REVISED DECEMBER 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 8-Bit Resolution
D Integral Linearity Error
±0.75 LSB Max (25°C)
±1 LSB Max (–35°C to 85°C)
D Differential Linearity Error
± 0.5 LSB (25°C)
±0.75 LSB Max (–35°C to 85°C)
D Maximum Conversion Rate
10 Mega-Samples per Second
(MSPS) Min
D 2.7-V to 3.6-V Single-Supply Operation
D Low Power Consumption ... 42 mW Typ at
3 V
D Low Voltage Replacement for CXD1175
Applications
D Communications
D Digital Imaging
D Video Conferencing
D High-Speed Data Conversion
description
The TLV5510 is a CMOS 8-bit resolution semiflash analog-to-digital converter (ADC) with a 2.7-V to 3.6-V single
power supply and an internal reference voltage source. It converts a wide band analog signal (such as a video
signal) to a digital signal at a sampling rate of dc to 10 MHz.
functional block diagram
Lower Sampling
Comparators
(4 Bit)
Lower Encoder
(4 Bit)
Lower Data
Latch
Lower Sampling
Comparators
(4 Bit)
Lower Encoder
(4 Bit)
Upper Sampling
Comparators
(4 Bit)
Upper Encoder
(4 Bit)
Upper Data
Latch
Clock
Generator
OE
D1(LSB)
D2
D3
D4
D5
D6
D7
D8(MSB)
CLK
REFB
REFT
REFBS
AGND
AGND
ANALOG IN
VDDA
REFTS
200
NOM
60
NOM
40
NOM
Resistor
Reference
Divider
Copyright
© 1999, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OE
DGND
D1(LSB)
D2
D3
D4
D5
D6
D7
D8(MSB)
VDDD
CLK
DGND
REFB
REFBS
AGND
AGND
ANALOG IN
VDDA
REFT
REFTS
VDDA
VDDA
VDDD
PW OR NS PACKAGE†
(TOP VIEW)
† Also available in tape and reel and
ordered as the TLV5510INSR.
AVAILABLE OPTIONS
–35
°C to 85°C
SOP (NS)
TA
TLV5510INS
PACKAGE
TSSOP (PW)
TLV5510IPW


Similar Part No. - TLV5510IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5510IPW TI-TLV5510IPW Datasheet
307Kb / 19P
[Old version datasheet]   2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - TLV5510IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5510 TI-TLV5510 Datasheet
307Kb / 19P
[Old version datasheet]   2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8766 PHILIPS-TDA8766 Datasheet
157Kb / 20P
   10-bit high-speed 2.7 to 5.25 V analog-to-digital converter
1996 Mar 20
logo
Texas Instruments
ADS8320-HT TI1-ADS8320-HT_13 Datasheet
341Kb / 26P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8320-HT TI1-ADS8320-HT Datasheet
389Kb / 27P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7826 TI-ADS7826 Datasheet
483Kb / 20P
[Old version datasheet]   10/8/12-BIT HIGH SPEED 2.7 V microPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
DAC5571 TI1-DAC5571 Datasheet
564Kb / 24P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com