Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC25 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC25
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC25 Datasheet(HTML) 5 Page - Texas Instruments

  TLV320AIC25 Datasheet HTML 1Page - Texas Instruments TLV320AIC25 Datasheet HTML 2Page - Texas Instruments TLV320AIC25 Datasheet HTML 3Page - Texas Instruments TLV320AIC25 Datasheet HTML 4Page - Texas Instruments TLV320AIC25 Datasheet HTML 5Page - Texas Instruments TLV320AIC25 Datasheet HTML 6Page - Texas Instruments TLV320AIC25 Datasheet HTML 7Page - Texas Instruments TLV320AIC25 Datasheet HTML 8Page - Texas Instruments TLV320AIC25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
www.ti.com
Electrical Characteristics
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
All specifications are common across the AIC20, AIC21, AIC24, AIC25, AIC20K, and AIC24K except where
explicitly stated.
AIC20/21/24/25: Over Recommended Operating Free-Air Temperature Range, AVDD = 3.3 V, DVDD = 1.8 V,
IOVDD = 3.3 V (Unless Otherwise Noted)
AIC20K/24K: Over Recommended Operating Free-Air Temperature Range, AVDD = 3.3 V, DVDD = 1.8 V,
IOVDD = 3.3 V (Unless Otherwise Noted)
over Operating Free-Air Temperature Range (Unless Otherwise Noted)
TLV320AIC2x
VCC
Supply voltage range:
DVDD(2)
-0.3 V to 2.25 V
AVDD, IOVDD, DRVDD(2)
-0.3 V to 4 V
VO
Output voltage range, all digital output signals
-0.3 V to IOVDD + 0.3 V
VI
Input voltage range, all digital input signals
-0.3 V to IOVDD + 0.3 V
TA
Operating free-air temperature range
-40°C to 85°C
Tstg
Storage temperature range
-65°C to 150°C
Case temperature for 10 seconds: package
260°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS.
MIN
NOM
MAX
UNIT
Analog, AVDD
2.7
3.3
3.6
V
Analog output driver, DRVDD(1)
2.7
3.3
3.6
V
VCC
Supply voltage
Digital core, DVDD
1.65
1.8
1.95
V
Digital I/O, IOVDD
1.1
3.3
3.6
V
Analog single-ended peak-to-peak input voltage, VI(analog)
2
V
Between LINEO+ and LINEO- (differential)
600
Between HDSO+ and HDSO- (differential)
150
RL
Output load resistance,
Between HNSO+ and HDSO- (differential)
150
Between SPKO+ and SPKO- (differential)
8
CL
Analog output load capacitance
20
pF
Digital output capacitance
20
pF
Master clock
100
MHz
ADC or DAC conversion rate
26
kHz
TA
Operating free-air temperature,
-40
85
°C
(1)
DRVDD should be kept at the same voltage as AVDD.
5


Similar Part No. - TLV320AIC25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC25 TI-TLV320AIC25 Datasheet
330Kb / 50P
[Old version datasheet]   PRODUCT NOTIFICATION
TLV320AIC25 TI-TLV320AIC25 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
TLV320AIC25C TI-TLV320AIC25C Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
TLV320AIC25CPFB TI-TLV320AIC25CPFB Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
TLV320AIC25CPFB TI-TLV320AIC25CPFB Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
More results

Similar Description - TLV320AIC25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC12 TI-TLV320AIC12_07 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
[Old version datasheet]   Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
logo
Analog Devices
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Cirrus Logic
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
   Low Power, Highly Integrated Smart Audio Codec
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
   Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
NXP Semiconductors
XA-H3 PHILIPS-XA-H3 Datasheet
183Kb / 36P
   CMOS 16-bit highly integrated microcontroller
1999 Sep 24
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
logo
Analog Devices
AD7725 AD-AD7725 Datasheet
442Kb / 28P
   16-Bit 900 kSPS ADC with a Programmable Postprocessor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com