Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC385-1 Datasheet(PDF) 11 Page - Texas Instruments

Part # UC385-1
Description  FAST TRANSIENT RESPONSE 5A LOW-DROPOUT REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC385-1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UC385-1 Datasheet HTML 7Page - Texas Instruments UC385-1 Datasheet HTML 8Page - Texas Instruments UC385-1 Datasheet HTML 9Page - Texas Instruments UC385-1 Datasheet HTML 10Page - Texas Instruments UC385-1 Datasheet HTML 11Page - Texas Instruments UC385-1 Datasheet HTML 12Page - Texas Instruments UC385-1 Datasheet HTML 13Page - Texas Instruments UC385-1 Datasheet HTML 14Page - Texas Instruments UC385-1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
19-Feb-2016
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
UC385T-ADJG3
ACTIVE
TO-220
KC
5
50
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
0 to 70
UC385T-ADJ
UC385TD-1
OBSOLETE
DDPAK/
TO-263
KTT
5
TBD
Call TI
Call TI
0 to 70
UC385TD-2
OBSOLETE
DDPAK/
TO-263
KTT
5
TBD
Call TI
Call TI
0 to 70
UC385TD-3
OBSOLETE
DDPAK/
TO-263
KTT
5
TBD
Call TI
Call TI
0 to 70
UC385TD-ADJ
OBSOLETE
DDPAK/
TO-263
KTT
5
TBD
Call TI
Call TI
0 to 70
UC385TDKTTT-1
ACTIVE
DDPAK/
TO-263
KTT
5
50
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
0 to 70
UC385TD-1
UC385TDKTTT-1G3
ACTIVE
DDPAK/
TO-263
KTT
5
50
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
0 to 70
UC385TD-1
UC385TDKTTT-3
ACTIVE
DDPAK/
TO-263
KTT
5
50
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
0 to 70
UC385TD-3
UC385TDKTTT-ADJ
ACTIVE
DDPAK/
TO-263
KTT
5
50
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
0 to 70
UC385TD-ADJ
UC385TDKTTT-ADJG3
ACTIVE
DDPAK/
TO-263
KTT
5
50
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
0 to 70
UC385TD-ADJ
UC385TDTR-1
ACTIVE
DDPAK/
TO-263
KTT
5
500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
0 to 70
UC385TD-1
UC385TDTR-1G3
ACTIVE
DDPAK/
TO-263
KTT
5
500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
0 to 70
UC385TD-1
UC385TDTR-3
ACTIVE
DDPAK/
TO-263
KTT
5
500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
0 to 70
UC385TD-3
UC385TDTR-3G3
ACTIVE
DDPAK/
TO-263
KTT
5
500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
0 to 70
UC385TD-3
UC385TDTR-ADJ
ACTIVE
DDPAK/
TO-263
KTT
5
500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
0 to 70
UC385TD-ADJ
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.


Similar Part No. - UC385-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC385-1 TI-UC385-1 Datasheet
265Kb / 13P
[Old version datasheet]   FAST TRANSIENT REPONSE 5-A LOW-DROPOUT REGULATOR
More results

Similar Description - UC385-1

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
ON Semiconductor
NCP59152 ONSEMI-NCP59152 Datasheet
168Kb / 11P
   Very Low-Dropout Fast Transient Response Regulator
May, 2014 ??Rev. 27
logo
Monolithic Power System...
MP20046 MPS-MP20046 Datasheet
501Kb / 14P
   Fast Transient Response, 2A Low Dropout Voltage Regulator
logo
ON Semiconductor
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
logo
Sipex Corporation
SPX1585AT-L SIPEX-SPX1585AT-L Datasheet
213Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com