Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3626DWTRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC3626DWTRG4
Description  BRUSHLESS ESS DC MOTOR CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3626DWTRG4 Datasheet(HTML) 5 Page - Texas Instruments

  UCC3626DWTRG4 Datasheet HTML 1Page - Texas Instruments UCC3626DWTRG4 Datasheet HTML 2Page - Texas Instruments UCC3626DWTRG4 Datasheet HTML 3Page - Texas Instruments UCC3626DWTRG4 Datasheet HTML 4Page - Texas Instruments UCC3626DWTRG4 Datasheet HTML 5Page - Texas Instruments UCC3626DWTRG4 Datasheet HTML 6Page - Texas Instruments UCC3626DWTRG4 Datasheet HTML 7Page - Texas Instruments UCC3626DWTRG4 Datasheet HTML 8Page - Texas Instruments UCC3626DWTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
UCC2626, UCC3626
SLUS318B – APRIL 1999 – REVISED JANUARY 2002
5
www.ti.com
electrical characteristics over recommended operating conditions, VCC = 12 V; CT = 1 nF,
R_TACH = 250 k
Ω, C_TACH = 100 pF, TA = TJ, TA = –40°C to 85°C for the UCC2626, and 0°C to 70°C
for the UCC3626 (unless otherwise noted)
hall buffer inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level input voltage
HALLA, HALLB, HALLC
1.7
1.9
2.1
V
Hysteresis
HALLA, HALLB, HALLC
0.6
1.0
V
Input current
0V < VIN < 5 V
–25
µA
oscillator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
RTACH = 250 kΩ, CT = 1nF
9.0
10.0
11.0
kHz
Frequency change with voltage
12 V < VCC < 14.5 V
3%
CT peak voltage
7.25
7.5
7.75
V
CT peak-to-valley voltage
4.75
5.0
5.25
V
SYNCH pin minimum pulse width
500
ns
tachometer
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level output voltage/VREF
IOUT = –10 µA
99%
100%
Low-level output voltage
IOUT = 10 µA
0
20
mV
High-level on-resistance
IOUT = –100 µA
1
1.5
k
Low-level on-resistance
IOUT = 100 µA
1
1.5
k
High-level ramp threshold voltage
2.5
V
Ramp voltage
2.375
2.500
2.625
V
CTACH charge current
RTACH = 49.9 kΩ
48
51
53
µA
On time accuracy
UCC3626
See Note 1
–3%
3%
On-time accuracy
UCC2626
See Note 1
–4%
3%
direction output
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level output voltage
IOUT = –100 µA
4.5
5.2
V
Low-level output voltage
IOUT = 100 µA
0
0.5
V
output
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum duty cycle
100%
Lo
le el o tp t oltage
IOUT = 2 mA
0.0
0.1
0.5
V
Low-level output voltage
IOUT = 100 µA
0.0
0.1
V
High level output voltage
IOUT = –2 mA
4.0
4.8
5.2
V
High-level output voltage
IOUT = –100 µA
4.7
5.2
V
Rise and fall time
CI = 10 pF
100
ns
NOTE 1: tON is calculated using the formula tON +
C
TACH
V
HI * VLO
I
CHARGE


Similar Part No. - UCC3626DWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3626DW TI1-UCC3626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
More results

Similar Description - UCC3626DWTRG4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com