Electronic Components Datasheet Search |
|
UC5350N Datasheet(PDF) 2 Page - Texas Instruments |
|
UC5350N Datasheet(HTML) 2 Page - Texas Instruments |
2 / 9 page UC5350 CAN TRANSCEIVER SLUS258C − MARCH 2000 − REVISED DECEMBER 2001 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 functional table (VCC = 4.5 V to 5.5 V) Inputs System Mode Output Mode Outputs TXD RS System Mode Output Mode VCANH − VCANL RXD 0 0 High speed Dominant 1.5 V to 3 V 0 1 0 High speed Recessive –120 mV to 12 mV 1 High Z 0 High speed Recessive –120 mV to 12 mV 1 X 1 Standby — High Z 0 at Bus = Dominant X 1 Standby — High Z 1 at Bus = Recessive absolute maximum ratings over operating free-air temperature (unless otherwise noted)†} Supply voltage –0.3 V to 9 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TXD, RXD, VREF, RS –0.3 V to VCC + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . CANL, CANH, (0 V < VCC < 5.5 V) –8 V to 36 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . CANL, CANH, (non-destructive, non-operative) –8 V to 32 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . CANL, CANH, (transient, Schaffner test) See Figure 1 –150 V to 100 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating temperature –40 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Junction temperature, TJ –55 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature (soldering, 10 sec.) 300 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Crosswire protection maximum VBUS 30 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bus differential voltage k 30 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Cross wire protection TA –40 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. ‡ Currents are positive into, negative out of the specified terminal. Consult Packaging Section of the Interface Products Data Book (TI Literature Number SLUU002) for thermal limitations and considerations of packages. kRefers to Figures 9, 10, 11, 12 and 13. NOTE: See Figure 7 for pulse timing. UDG-96203-1 Figure 1. Schaffner Test |
Similar Part No. - UC5350N |
|
Similar Description - UC5350N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |