Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC1806 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC1806
Description  LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC1806 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC1806 Datasheet HTML 3Page - Texas Instruments UCC1806 Datasheet HTML 4Page - Texas Instruments UCC1806 Datasheet HTML 5Page - Texas Instruments UCC1806 Datasheet HTML 6Page - Texas Instruments UCC1806 Datasheet HTML 7Page - Texas Instruments UCC1806 Datasheet HTML 8Page - Texas Instruments UCC1806 Datasheet HTML 9Page - Texas Instruments UCC1806 Datasheet HTML 10Page - Texas Instruments UCC1806 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
UCC1806
UCC2806
UCC3806
SLUS272F -- FEBRUARY 2000 -- REVISED AUGUST 2006
7
www.ti.com
DETAILED PIN DESCRIPTIONS (continued)
CURLIM: CURLIM programs the primary current limit threshold and determines whether the device latches off
or retries after an overcurrent condition. When a shutdown signal is generated, a 200-μA current source to
ground pulls down on CURLIM. If the voltage on the pin remains above 350 mV the device remains latched and
the power must be cycled to restart. If the voltage on the pin falls below 350 mV, the device attempts a restart.
The voltage threshold is typically set by a resistor divider from VREF to ground. To calculate the current limit
adjust voltage threshold the following equations can be used.
Current limit adjust latching mode voltage is calculated in equation (2)
V =
VREF − (R1 × 300 mA)
1 +
R1
R2
> 350 mV
Current limit adjust non-latching mode voltage is calculated in equation (3)
V =
VREF − (R1 × 80 mA)
1 +
R1
R2
< 350 mV
where
D
R1 is the resistance from the VREF to CURLIM
D
R2 is the resistance from CURLIM to GND
GND: GND is the reference ground and power ground for all functions of this part. Bypass and timing capacitors
should be connected as close as possible to GND.
RT: RT is the connection point for the oscillator timing resistor. It has a low impedance input and is nominally
at 1.25 V. The current through RT is mirrored to the timing capacitor pin, CT. This causes a linear charging of
CT from 0 V to 2.35 V. Note that the current mirror is limited to a maximum of 100 μAso RT must be greater
than 12.5 kΩ.
SYNC: SYNC is a bi-directional pin, allowing or providing external synchronization with TTL compatible
thresholds. In a typical application RT is connected through a timing resistor to GND which allows the internal
oscillator to free run. In this mode SYNC outputs a TTL compatible pulse during the oscillator dead time (when
CT is being discharged). If RT is forced above 4.4 V, SYNC acts as an input with TTL compatible thresholds
and the internal oscillator is disabled. When SYNC is high, greater than 2 V the outputs are held active low.
When SYNC returns low, the outputs may be high until the on--time is terminated by the normal peak current
signal, a fault seen at SHUTDOWN or the next high assertion of SYNC. Multiple UCC3806s can be
synchronized by a single master UCC3806 or external clock.
VC: VC is the input supply connection for the FET drive outputs and has an input range from 2.5 V to 15 V. VC
should be capacitively bypassed for proper operation.
VIN: VIN is the input supply connection for this device. The UCC1806 has a maximum startup threshold of 8 V
and internally limited by means of a 15 V shunt regulator. The shunted supply current must be limited to 25 mA.
For proper operation, VIN must be bypassed to GND with at least a 0.01-μF ceramic capacitor
VREF:VREF is a 5.1 V ±1% trimmed reference output with a 5 mA maximum available current. VREF must be
bypassed to GND with at least a 0.1-μF ceramic capacitor for proper operation.
(2)
(3)


Similar Part No. - UCC1806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1806 TI-UCC1806 Datasheet
119Kb / 7P
[Old version datasheet]   Low Power, Dual Output, Current Mode PWM Controller
UCC1806 TI-UCC1806 Datasheet
726Kb / 21P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI1-UCC1806 Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806D TI-UCC1806D Datasheet
726Kb / 21P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806DW TI-UCC1806DW Datasheet
726Kb / 21P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UCC1806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1806 TI1-UCC1806_13 Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC2806 TI-UCC2806 Datasheet
726Kb / 21P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI-UCC1806 Datasheet
119Kb / 7P
[Old version datasheet]   Low Power, Dual Output, Current Mode PWM Controller
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
   Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
logo
Texas Instruments
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com