Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC1837 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC1837
Description  8-Pin N-FET Linear Regulator Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC1837 Datasheet(HTML) 4 Page - Texas Instruments

  UCC1837_16 Datasheet HTML 1Page - Texas Instruments UCC1837_16 Datasheet HTML 2Page - Texas Instruments UCC1837_16 Datasheet HTML 3Page - Texas Instruments UCC1837_16 Datasheet HTML 4Page - Texas Instruments UCC1837_16 Datasheet HTML 5Page - Texas Instruments UCC1837_16 Datasheet HTML 6Page - Texas Instruments UCC1837_16 Datasheet HTML 7Page - Texas Instruments UCC1837_16 Datasheet HTML 8Page - Texas Instruments UCC1837_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
UCC1837
UCC2837
UCC3837
of the CAP voltage should the external load exceed the
average current, which occurs during load and line tran-
sient conditions. The value of CAP also determines the
startup time of the linear regulator. The voltage at CAP
charges up with a time constant determined by the
charge pump output impedance (typically 80k
Ω) and the
value of the capacitor on CAP.
An external voltage such as +12V may be tied to the
CAP pin directly to insure a higher value of VOUT, which
may be useful when a standard level MOSFET is used or
when VDD is very low and the resulting VOUT voltage
may need to be higher. With an external source applied
to CAP, the maximum voltage at VOUT will be approxi-
mately 1V below the external source.The external +12V
source should be decoupled to GND using a minimum of
a 0.01
µF capacitor.
Choosing a Pass Element
The UCC3837 is designed for use with an N-channel
MOSFET pass element only. The designer may choose
a logic level or standard gate level MOSFET depending
on the input voltage, the required gate drive, and the
available voltage at VOUT as discussed previously.
MOSFET selection should be based on required dropout
voltage and gate drive characteristics. A lower RDS(on)
MOSFET is used when low dropout is required, but this
type of MOSFET will have higher gate capacitance which
may result in a slower transient response.
A MOSFET used in linear regulation is typically operated
at a gate voltage between the threshold voltage and the
gate plateau voltage in order to maintain high gain. This
mode of operation is linear, and therefore the channel re-
sistance is higher than the manufacturer’s published
RDS(on) value. The MOSFET should only be operated in
the non-linear (switch) mode under transient conditions,
when minimum dropout voltage is required.
Disabling the UCC3837
Grounding the CAP pin will remove the drive voltage and
effectively disable the output voltage. The device used to
short the output of CAP should have a very low leakage
current when in the OPEN state, since even a few
microamps will lower the charge pump voltage.
A second method of disabling the UCC3837 is to place a
short circuit across CCOMP. This will have an advantage
of a quicker restart time as the voltage at CAP will not be
completely discharged. The charge pump will be loaded
down by the typical 40
µA charging current of the error
amplifier with this configuration, resulting in a lower volt-
age at CAP.
Compensating the Error Amplifier
Using a MOSFET as an external pass element intro-
duces a pole in the control loop that is a function of the
UCC3837 output impedance, ROUT, typically 6.5kΩ, and
the MOSFET input gate capacitance. Fig. 3 indicates
that in the normal operation of a linear regulator using a
MOSFET, the gate capacitance can be predicted directly
from the MOSFET characteristic charge curve, using the
relationship:
C
Qgth
Vgth
IN =
This pole can be canceled by programming a zero fre-
quency on the output of the UCC3837 error amplifier
equal to the pole frequency. Therefore:
8
1VDD
CS
5
VOUT
2CAP
7CT
4COMP
6
FB
3
GND
Q1
IRL2203N
OR EQUIVALENT
R2
1.8k
R3
1.5k
C3
1000
µF
3.3V
R1
0.020
R
COMP
10k
C
COMP
820pF
0.1
µF
0.1
µF
Q1
C1
330
µF
5V
ON/OFF
UCC3837
Figure 1. Typical application 5V to 3.3V, 5A
APPLICATION INFORMATION
5
6
7
8
9
10
11
12
13
14
15
34
56
78
9
10
11
12
VDD
E/A DISABLED
LINEAR REGULATOR
OVERDRIVE
Figure 2. Typical VOUT(max) vs. VDD.
UDG-99137


Similar Part No. - UCC1837_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
More results

Similar Description - UCC1837_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
logo
Semtech Corporation
SC4210A SEMTECH-SC4210A Datasheet
290Kb / 11P
   8-Pin N-FET Linear Regulator Controller
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
   Linear FET Controller
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
   Linear Fet Controller
logo
Texas Instruments
LFC789D25 TI-LFC789D25 Datasheet
218Kb / 11P
[Old version datasheet]   DUAL LINEAR FET CONTROLLER
logo
International Rectifier
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
   8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
logo
BCD Semiconductor Manuf...
AP2160 BCDSEMI-AP2160 Datasheet
307Kb / 10P
   Ultra Low Output Voltage Linear N-FET Controller
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com