Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC5612DPTRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # UC5612DPTRG4
Description  LOW VOLTAGE DIFFERENTIAL SCSI 9LINE TERMINATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC5612DPTRG4 Datasheet(HTML) 2 Page - Texas Instruments

  UC5612DPTRG4 Datasheet HTML 1Page - Texas Instruments UC5612DPTRG4 Datasheet HTML 2Page - Texas Instruments UC5612DPTRG4 Datasheet HTML 3Page - Texas Instruments UC5612DPTRG4 Datasheet HTML 4Page - Texas Instruments UC5612DPTRG4 Datasheet HTML 5Page - Texas Instruments UC5612DPTRG4 Datasheet HTML 6Page - Texas Instruments UC5612DPTRG4 Datasheet HTML 7Page - Texas Instruments UC5612DPTRG4 Datasheet HTML 8Page - Texas Instruments UC5612DPTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UC5612
SLUS164A − MARCH 1997 − REVISED OCTOBER 2003
2
www.ti.com
DESCRIPTION (CONT.)
Internal circuit trimming is utilized, first to trim the impedance to a 5% tolerance, and then most importantly, to
trim the output current to a 5% tolerance, as close to the maximum SCSI specification as possible. This
maximizes the noise margin in fast SCSI operation. Other features include thermal shutdown and current limit.
This device is offered in low thermal resistance versions of the industry standard 16-pin narrow body SOIC,
16-pin DIL and 24-pin TSSOP.
ORDERING INFORMATION
TA
PACKAGED DEVICE
{
PACKAGED DEVICE
{
PACKAGED DEVICE
{
TA
DIL-16 (N)
SOIC-16 (DP)
TSSOP-24 (PWP)
0
°C to 70°C
UC5612N
UC5612DP
UC5612PWP
† The TSSOP packages are available taped and reeled. Add TR suffix to device type (e.g. UC5612PWPTR) to order quantities
of 2,000 devices per reel.
CONNECTION DIAGRAM
DIL-16 (Top View)
N Package
SOIC-16 (Top View)
DP Package
TSSOP-24 (Top View)
PWP Package
DISCNCT
N/C
N/C
GND*
GND*
LINE6
LINE8
SGND*
GND*
GND*
LINE9
N/C
GND*
LINE7
GND*
LINE1
GND*
GND*
TRMPWR
12
11
10
9
8
7
6
5
4
3
2
1
13
14
15
16
17
18
19
20
21
22
23
24
LINE4
LINE5
REG
LINE2
LINE3
* DP package pin 5 serves as signal
ground; pins 4, 12, and 13 serve as
heatsink/ground.
* PWP package pin 9 serves as signal
ground; pins 5, 6, 7, 8, 17, 18, 19 and
20 serve as heatsink/ground.


Similar Part No. - UC5612DPTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5612 TI-UC5612 Datasheet
279Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
More results

Similar Description - UC5612DPTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5640PW TI-UCC5640PW Datasheet
532Kb / 13P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
UCC5640 TI-UCC5640 Datasheet
171Kb / 10P
[Old version datasheet]   Low Voltage Differential LVD SCSI 9 Line Terminator
UCC5641 TI-UCC5641 Datasheet
66Kb / 4P
[Old version datasheet]   Low Voltage Differential LVD SCSI 9 Line Terminator
logo
Dallas Semiconductor
DS2108 DALLAS-DS2108 Datasheet
68Kb / 5P
   Differential SCSI Switchable Terminator
logo
Maxim Integrated Produc...
DS2108 MAXIM-DS2108 Datasheet
73Kb / 5P
   Differential SCSI Switchable Terminator
112099
logo
Texas Instruments
UCC5630 TI-UCC5630 Datasheet
59Kb / 5P
[Old version datasheet]   Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5510 TI-UCC5510 Datasheet
40Kb / 4P
[Old version datasheet]   Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5630 TI1-UCC5630_08 Datasheet
65Kb / 5P
[Old version datasheet]   Low Voltage Differential (LVD/SE) SCSI 9 Line Terminator
logo
Maxim Integrated Produc...
DS21T07 MAXIM-DS21T07 Datasheet
107Kb / 7P
   SCSI Terminator
112099
DS2114 MAXIM-DS2114 Datasheet
76Kb / 6P
   SCSI Terminator
070198
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com