Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3825DW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC3825DW
Description  High Speed PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3825DW Datasheet(HTML) 1 Page - Texas Instruments

  UC3825DW Datasheet HTML 1Page - Texas Instruments UC3825DW Datasheet HTML 2Page - Texas Instruments UC3825DW Datasheet HTML 3Page - Texas Instruments UC3825DW Datasheet HTML 4Page - Texas Instruments UC3825DW Datasheet HTML 5Page - Texas Instruments UC3825DW Datasheet HTML 6Page - Texas Instruments UC3825DW Datasheet HTML 7Page - Texas Instruments UC3825DW Datasheet HTML 8Page - Texas Instruments UC3825DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
UC1825
UC2825
UC3825
SLUS235A - MARCH 1997 - REVISED MARCH 2004
BLOCK DIAGRAM
Compatible with Voltage or Current Mode
Topologies
Practical Operation Switching Frequencies
to 1MHz
50ns Propagation Delay to Output
High Current Dual Totem Pole Outputs
(1.5A Peak)
Wide Bandwidth Error Amplifier
Fully Latched Logic with Double Pulse
Suppression
Pulse-by-Pulse Current Limiting
Soft Start / Max. Duty Cycle Control
Under-Voltage Lockout with Hysteresis
Low Start Up Current (1.1mA)
The UC1825 family of PWM control ICs is optimized for high fre-
quency switched mode power supply applications. Particular care
was given to minimizing propagation delays through the comparators
and logic circuitry while maximizing bandwidth and slew rate of the
error amplifier. This controller is designed for use in either cur-
rent-mode or voltage mode systems with the capability for input volt-
age feed-forward.
Protection circuitry includes a current limit comparator with a 1V
threshold, a TTL compatible shutdown port, and a soft start pin
which will double as a maximum duty cycle clamp. The logic is fully
latched to provide jitter free operation and prohibit multiple pulses at
an output. An under-voltage lockout section with 800mV of hysteresis
assures low start up current. During under-voltage lockout, the out-
puts are high impedance.
These devices feature totem pole outputs designed to source and
sink high peak currents from capacitive loads, such as the gate of a
power MOSFET. The on state is designed as a high level.
High Speed PWM Controller
FEATURES
DESCRIPTION
application
INFO
available
UDG-92030-2


Similar Part No. - UC3825DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3825DW TI-UC3825DW Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC3825DW TI1-UC3825DW Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC3825DW TI-UC3825DW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC3825DWG4 TI-UC3825DWG4 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC3825DWG4 TI1-UC3825DWG4 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
More results

Similar Description - UC3825DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com