Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2305DW Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC2305DW
Description  HID Lamp Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2305DW Datasheet(HTML) 3 Page - Texas Instruments

  UCC2305DW Datasheet HTML 1Page - Texas Instruments UCC2305DW Datasheet HTML 2Page - Texas Instruments UCC2305DW Datasheet HTML 3Page - Texas Instruments UCC2305DW Datasheet HTML 4Page - Texas Instruments UCC2305DW Datasheet HTML 5Page - Texas Instruments UCC2305DW Datasheet HTML 6Page - Texas Instruments UCC2305DW Datasheet HTML 7Page - Texas Instruments UCC2305DW Datasheet HTML 8Page - Texas Instruments UCC2305DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
UCC2305
UCC3305
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX. UNITS
Load Power Amplifier Section
LOADISENSE Input Current
–2.5
–0.1
2.5
µA
LPOWER Source Current
LPOWER = 0V
–8.0
–0.4
mA
LPOWER Sink Current
LPOWER = 1V
0.4
1.3
mA
LPOWER Voltage
VOUTSENSE = 0.0V
0.32
0.40
0.48
V
VOUTSENSE = 0.45V
0.32
0.40
0.48
V
VOUTSENSE = 0.65V
0.41
0.46
0.51
V
VOUTSENSE = 0.88V
0.43
0.51
0.59
V
VOUTSENSE = 2.0V
0.43
0.51
0.59
V
VOUTSENSE = 0.7V, SLOPEC = 0V
0.29
0.34
0.41
V
Input Current Sense Section
ISENSEIN Threshold
COMP = 5V, WARMUPC = 0V
0.16
0.21
0.28
V
COMP = 5V, WARMUPC = 10V
0.10
0.19
0.27
V
COMP = 1V, WARMUPC = 0V
0.07
0.10
0.2
V
ISENSEIN Bias Current
OSC = 0V
–15
–5
–2
µA
OSC = 2V
–80
–40
–15
µA
VOUTSENSE Section
VOUTSENSE Threshold to PWMOUT
4.2
5.0
5.2
V
VOUTSENSE Threshold to FB
1.7
1.9
2.1
V
VOUTSENSE Threshold to NOTON
0.035
0.083
0.140
V
VOUTSENSE Input Current
–1
1
µA
OUTPUTS SECTION
PWMOUT High Voltage
IPWMOUT = –100mA
9.15
10.0
V
PWMOUT Low Voltage
IPWMOUT = 100mA
0.3
0.5
V
PUMPOUT High Voltage
IPUMPOUT = –10mA
5.3
5.8
V
PUMPOUT Low Voltage
IPUMPOUT = 10mA
1.0
1.8
V
PUMPOUT Frequency
BOOST = 9.5V
35
50
60
kHz
NOTON High Voltage
INOTON = –1mA
5.0
6.3
V
NOTON Low Voltage
INOTON = 1mA
0.1
0.3
V
QOUT, QOUT High Voltage
IQOUT = –1mA or IQOUT = –1mA
5.0
6.3
V
QOUT, QOUT Low Voltage
IQOUT = 1mA or IQOUT = 1mA
0.1
0.45
V
QOUT, QOUT Frequency
150
200
250
Hz
FLT High Voltage
IFLT = –1mA
6.0
6.3
V
FLT Low Voltage
IFLT = 1mA
0.1
0.3
V
Timing Capacitor Section
FLTC Discharge Current
FLTC = 2.5V
35
60
100
nA
FLTC Charge Current
FLTC = 2.5V
–430
–300
–220
nA
FLTC Threshold to FAULT
4.65
4.9
5.1
V
SLOPEC Charge Current
SLOPEC = 0.5V
–165
–90
–60
nA
SLOPEC = 2.2
–105
–60
–40
nA
SLOPEC = 4.2
–50
–30
–10
nA
SLOPEC Voltage
ISLOPEC = –125nA
1.3
1.5
1.7
V
ISLOPEC = –50nA
2.8
3.0
3.2
V
ELECTRICAL CHARACTERISTICS (cont.) Unless otherwise stated, VCC = 6.6V, ISET = 100k
Ω to GND, ADJ = 100kΩ
to GND, OSC = 200pF to GND, BAT = 4V, LOADISENSE connected to LPOWER, VOUTSENSE = 0.666V, BOOST = 10.5V,
COMP connected to FB through a 100k
Ω resistor, –40°C<TA<+105°C for the UCC2305, 0°C<TA<+70°C for the UCC3305, and
TA=TJ.


Similar Part No. - UCC2305DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
[Old version datasheet]   HID Lamp Controller
More results

Similar Description - UCC2305DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
[Old version datasheet]   HID Lamp Controller
logo
Unisonic Technologies
UH8615 UTC-UH8615 Datasheet
255Kb / 9P
   HID LAMP CONTROLLER
logo
Texas Instruments
UCC2305-Q1 TI1-UCC2305-Q1 Datasheet
683Kb / 16P
[Old version datasheet]   HID LAMP CONTROLLER
UCC2305 TI-UCC2305 Datasheet
258Kb / 9P
[Old version datasheet]   HID Lamp Controller
logo
Hirose Electric
GT15T-2024SCF HIROSE-GT15T-2024SCF Datasheet
165Kb / 7P
   HID Lamp DII Sockets
logo
International Rectifier
IRPLHID2A IRF-IRPLHID2A Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
logo
Prolific Technology Inc...
PL23C3 PROLIFIC-PL23C3 Datasheet
118Kb / 1P
   USB HID to I2C Bridge Controller
PL23B3 PROLIFIC-PL23B3 Datasheet
119Kb / 1P
   USB HID to Serial Bridge Controller
PL23D3 PROLIFIC-PL23D3 Datasheet
118Kb / 1P
   USB HID to SPI Bridge Controller
logo
International Rectifier
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
   HID Ballast for 70W Lamp Using the IRS2573D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com