Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2541RHB Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC2541RHB
Description  HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2541RHB Datasheet(HTML) 2 Page - Texas Instruments

  UCC2541RHB Datasheet HTML 1Page - Texas Instruments UCC2541RHB Datasheet HTML 2Page - Texas Instruments UCC2541RHB Datasheet HTML 3Page - Texas Instruments UCC2541RHB Datasheet HTML 4Page - Texas Instruments UCC2541RHB Datasheet HTML 5Page - Texas Instruments UCC2541RHB Datasheet HTML 6Page - Texas Instruments UCC2541RHB Datasheet HTML 7Page - Texas Instruments UCC2541RHB Datasheet HTML 8Page - Texas Instruments UCC2541RHB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
UCC2541
SLUS621A − AUGUST 2004 − SEPTEMBER 2005
2
www.ti.com
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DESCRIPTION (CONT.)
The UCC2541 is available in the extended temperature range of –40
°C to 105°C and is offered in thermally
enhanced PowerPAD
t 20-pin HTSSOP (PWP) or 32-pin quad flatpack (RHB) package. This space saving
package with standard 20-pin TSSOP footprint has a drastically lower thermal resistance of 1.4
°C/W θJC to
accommodate the dual high-current drivers on board.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)(1)(2)
UCC2541
UNIT
Supply voltage range, VDD
36
V
Supply current, IVDD
VDD
50
mA
CEA−, COMP, G2C, RAMP, SS, TR, VEA−
−0.3 to 3.6
VDRV
−0.3 to 9
Analog input voltages
G1, BST
SW−0.3 to SW+9
V
Analog input voltages
SW, SWS
−1 to 36
V
G2, G2S
−1 to 9
SYNCIN
−0.3 to 8.0
Sink current (peak), IOUT_SINK
G1, G2
3.5
A
Source current (peak), IOUT_SOURCE
G1, G2
−3.5
A
Operating junction temperature range, TJ
−55 to 150
Storage temperature, Tstg
−65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions”
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltages are with respect to GND. Currents are positive into, and negative out of the specified terminal.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage, VDD
Mode 1
8.5
35
Supply voltage, VDRV
Mode 2
4.75
9.00
V
Supply voltage, REF
Mode 3
3.0
3.3
3.6
V
Supply voltage bypass, CVDD
1.0
2.2
Reference bypass capacitor, CREF
0.1
1.0
2.2
F
VDRV bypass capacitor, CVDRV
0.2
µF
BST−SW bypass capacitor, CBST−SW
0.1
Timer current resistor range, RRSET
10
50
k
PWM ramp capacitor range, CRAMP
100
680
pF
Turn-off capacitor range, CG2C
120
1000
pF
COMP pin load range, RLOAD
6.5
k
Junction operating temperature, TJ
−40
105
°C


Similar Part No. - UCC2541RHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2541RHB TI-UCC2541RHB Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541RHBR TI-UCC2541RHBR Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541RHBT TI-UCC2541RHBT Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
More results

Similar Description - UCC2541RHB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
   High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
RT8125H RICHTEK-RT8125H Datasheet
300Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
October 2020
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com