Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2800 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2800
Description  LOW-POWER BIC MOS CURRENT-MODE PWM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2800 Datasheet(HTML) 3 Page - Texas Instruments

  UCC2800 Datasheet HTML 1Page - Texas Instruments UCC2800 Datasheet HTML 2Page - Texas Instruments UCC2800 Datasheet HTML 3Page - Texas Instruments UCC2800 Datasheet HTML 4Page - Texas Instruments UCC2800 Datasheet HTML 5Page - Texas Instruments UCC2800 Datasheet HTML 6Page - Texas Instruments UCC2800 Datasheet HTML 7Page - Texas Instruments UCC2800 Datasheet HTML 8Page - Texas Instruments UCC2800 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
UCC2800/2801/2802/2803/2804/2805Q1
LOW POWER BICMOS CURRENT MODE PWM
SGLS121C − JULY 2002 − REVISED APRIL 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Ordering Information
UCC20Q
PACKAGE
D = Plastic SOIC
PRODUCT OPTION
0 through 5
AUTOMOTIVE TEMPERATURE RANGE INDICATOR
D
TAPE and REEL INDICATOR
R
80
Q1
Q100 INDICATOR
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†‡
VCC voltage w
12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC current w
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output energy, (Capacitive Load)
20
µJ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog Inputs (FB, CS)
−0.3 V to 6.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation at TA < +25_C (D package)
0.65 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
300
_C
. . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Unless otherwise indicated, voltages are reference to ground and currents are positive into and negative out of the specified terminals.
w In normal operation VCC is powered through a current limiting resistor. Absolute maximum of 12 V applies when VCC is driven from a low
impedance source such that ICC does not exceed 30 mA (which includes gate drive current requirement).
electrical characteristics TA = −40_C to 125_C, VCC = 10 V (see Note 1), RT = 100 kΩ from REF to
RC, CT = 330 pF from RC to GND, 0.1-F capacitor from VCC to GND, 0.1-F capacitor from VREF to
GND and TA = TJ (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Reference Section
Output voltage
TJ = 25_C, I = 0.2 mA
UCC2800/01/02/04
4.925
5
5.075
V
Output voltage
TJ = 25_C, I = 0.2 mA
UCC2803/05
3.94
4
4.06
V
Load regulation voltage
I = 0.2 mA to 5 mA
10
30
mV
Line regulation voltage
VCC = 10 V to 12 V
TJ = 25_C
1.9
mV/V
Line regulation voltage
VCC = 10 V to 12 V
TJ = −40_C to 125_C
2.5
mV/V
Total variation voltage
See Note 5
UCC2800/01/02/04
4.88
5
5.1
V
Total variation voltage
See Note 5
UCC2803/05
3.9
4
4.08
V
Output noise voltage
f = 10 Hz to 10 kHz,
See Note 7
TJ = 25_C
130
µV
Long term stability
1000 hours,
See Note 7
TA = 125_C
5
mV
Output short-circuit current
−5
−35
mA


Similar Part No. - UCC2800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2800 TI-UCC2800 Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2800 TI-UCC2800 Datasheet
368Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2800 TI-UCC2800 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2800 TI1-UCC2800 Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC2800 TI1-UCC2800 Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
More results

Similar Description - UCC2800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2813-0 TI1-UCC2813-0 Datasheet
1Mb / 20P
[Old version datasheet]   LOW-POWER BIC MOS CURRENT-MODE PWM
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2801MDREPG4 TI-UCC2801MDREPG4 Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI-UCC1800-DIE_15 Datasheet
82Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Texas Instruments
UCC2800-EP TI-UCC2800-EP_08 Datasheet
368Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-Q1 TI-UCC2813-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   LOW -POWER BICMOS CURRENT-MODE PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com