Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3837DG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC3837DG4
Description  8-Pin N-FET Linear Regulator Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3837DG4 Datasheet(HTML) 1 Page - Texas Instruments

  UCC3837DG4 Datasheet HTML 1Page - Texas Instruments UCC3837DG4 Datasheet HTML 2Page - Texas Instruments UCC3837DG4 Datasheet HTML 3Page - Texas Instruments UCC3837DG4 Datasheet HTML 4Page - Texas Instruments UCC3837DG4 Datasheet HTML 5Page - Texas Instruments UCC3837DG4 Datasheet HTML 6Page - Texas Instruments UCC3837DG4 Datasheet HTML 7Page - Texas Instruments UCC3837DG4 Datasheet HTML 8Page - Texas Instruments UCC3837DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
UCC1837
UCC2837
UCC3837
SLUS228A - AUGUST 1999
FEATURES
• On Board Charge Pump to Drive
External N-MOSFET
• Input Voltage as Low as 3V
• Duty Ratio Mode Over Current
Protection
• Extremely Low Dropout Voltage
• Low External Parts Count
• Output Voltages as Low as 1.5V
8-Pin N-FET Linear Regulator Controller
1
5
2
8
6
3
4
7
CHARGE
PUMP
CAP
LEVEL
SHIFT
1.5V REF
UVLO
TIMER
CURRENT SENSE
COMPARATOR
COMP
CT
CS
VDD
CURRENT SENSE
AMPLIFIER
VOUT
FB
GND
100mV
140mV
ERROR AMPLIFIER
BLOCK DIAGRAM
UDG-99145
DESCRIPTION
The UCC3837 Linear Regulator Controller includes all the features re-
quired for an extremely low dropout linear regulator that uses an external
N-channel MOSFET as the pass transistor. The device can operate from
input voltages as low as 3V and can provide high current levels, thus pro-
viding an efficient linear solution for custom processor voltages, bus ter-
mination voltages, and other logic level voltages below 3V. The on board
charge pump creates a gate drive voltage capable of driving an external
N-MOSFET which is optimal for low dropout voltage and high efficiency.
The wide versatility of this IC allows the user to optimize the setting of
both current limit and output voltage for applications beyond or between
standard 3-terminal linear regulator ranges.
This 8-pin controller IC features a duty ratio current limiting technique that
provides peak transient loading capability while limiting the average
power dissipation of the pass transistor during fault conditions. See the
Application Section for detailed information.


Similar Part No. - UCC3837DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3837 TI-UCC3837 Datasheet
87Kb / 8P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
More results

Similar Description - UCC3837DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
logo
Semtech Corporation
SC4210A SEMTECH-SC4210A Datasheet
290Kb / 11P
   8-Pin N-FET Linear Regulator Controller
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
   Linear FET Controller
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
   Linear Fet Controller
logo
Texas Instruments
LFC789D25 TI-LFC789D25 Datasheet
218Kb / 11P
[Old version datasheet]   DUAL LINEAR FET CONTROLLER
logo
International Rectifier
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
   8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
logo
BCD Semiconductor Manuf...
AP2160 BCDSEMI-AP2160 Datasheet
307Kb / 10P
   Ultra Low Output Voltage Linear N-FET Controller
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com