Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC21520 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC21520
Description  Isolated Dual-Channel Gate Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC21520 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC21520 Datasheet HTML 2Page - Texas Instruments UCC21520 Datasheet HTML 3Page - Texas Instruments UCC21520 Datasheet HTML 4Page - Texas Instruments UCC21520 Datasheet HTML 5Page - Texas Instruments UCC21520 Datasheet HTML 6Page - Texas Instruments UCC21520 Datasheet HTML 7Page - Texas Instruments UCC21520 Datasheet HTML 8Page - Texas Instruments UCC21520 Datasheet HTML 9Page - Texas Instruments UCC21520 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
6
UCC21520
SLUSCJ9A – JUNE 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: UCC21520
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care
should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on
the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal in certain cases.
Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these specifications.
(2)
This coupler is suitable for basic electrical insulation only within the maximum operating ratings. Compliance with the safety ratings shall
be ensured by means of suitable protective circuits.
(3)
Testing is carried out in air or oil to determine the intrinsic surge immunity of the isolation barrier.
(4)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(5)
All pins on each side of the barrier tied together creating a two-terminal device.
6.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
VALUE
UNIT
CLR
External clearance(1)
Shortest terminal to terminal distance through air
> 8
mm
CPG
External creepage(1)
Shortest terminal to terminal distance across the package
surface
> 8
mm
DTI
Distance through insulation
Distance through internal isolation (internal clearance)
>21
µm
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112
> 600
V
Material group
According to IEC 60664-1
I
Overvoltage category per
IEC 60664-1
Rated mains voltage
≤ 600 VRMS
I-IV
Rated mains voltage
≤ 1000 VRMS
I-III
DIN V VDE 0884-10 (VDE V 0884-10): 2006-2012(2)
VIORM
Maximum repetitive peak
isolation voltage
AC voltage (bipolar)
2121
VPK
VIOWM
Maximum isolation working
voltage
Time dependent dielectric breakdown (TDDB) test, (See
Figure 1)
1500
VRMS
2121
VDC
VIOTM
Maximum transient isolation
voltage
VTEST = VIOTM
t = 60 sec (qualification)
t = 1 sec (100% production)
8000
VPK
VIOSM
Maximum surge isolation
voltage(3)
Test method per IEC 60065, 1.2/50 µs waveform, VTEST = 1.6
× VIOSM = 12800 VPK (qualification)
8000
VPK
qpd
Apparent charge(4)
Method a, After Input/Output safety test subgroup 2/3. Vini =
VIOTM, tini = 60s;
Vpd(m) = 1.2 X VIORM = 2545 VPK, tm = 10s
<5
pC
Method a, After environmental tests subgroup 1. Vini = VIOTM,
tini = 60s;
Vpd(m) = 1.6 X VIORM = 3394 VPK, tm = 10s
<5
Method
b1;
At
routine
test
(100%
production)
and
preconditioning (type test)
Vini = VIOTM; tini = 1s;
Vpd(m) = 1.875 * VIORM = 3977 VPK , tm = 1s
<5
CIO
Barrier capacitance, input to
output(5)
VIO = 0.4 sin (2πft), f =1 MHz
1.2
pF
RIO
Isolation resistance, input to
output
VIO = 500 V at TA = 25°C
> 1012
Ω
VIO = 500 V at 100°C ≤ TA ≤ 125°C
> 1011
VIO = 500 V at TS =150°C
> 109
Pollution degree
2
Climatic category
40/125/21
UL 1577
VISO
Withstand isolation voltage
VTEST = VISO = 5700 VRMS, t = 60 sec. (qualification),
VTEST = 1.2 × VISO = 6840VRMS, t = 1 sec (100% production)
5700
VRMS


Similar Part No. - UCC21520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520 TI1-UCC21520 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
More results

Similar Description - UCC21520

ManufacturerPart #DatasheetDescription
logo
SHENZHEN BASIC SEMICOND...
BTD21520 BASICSEMI-BTD21520 Datasheet
642Kb / 19P
   Dual-Channel Isolated Gate Driver
Rev.0.0
logo
ON Semiconductor
NCD57530 ONSEMI-NCD57530 Datasheet
821Kb / 23P
   Isolated Dual Channel IGBT Gate Driver
June, 2022 - Rev. 0
logo
Analog Devices
ADUM3220BRZ AD-ADUM3220BRZ Datasheet
614Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
REV. C
ADUM3220 AD-ADUM3220_V01 Datasheet
859Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
Rev. D
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252 Datasheet
839Kb / 24P
   Isolated Dual Channel IGBT/MOSFET Gate Driver
November, 2022 - Rev. 4
NCD57252 ONSEMI-NCD57252_V01 Datasheet
843Kb / 24P
   Isolated Dual Channel IGBT/MOSFET Gate Driver
June, 2023 - Rev. 5
logo
GeneSiC Semiconductor, ...
GA03IDDJT30-FR4 GENESIC-GA03IDDJT30-FR4 Datasheet
789Kb / 9P
   Isolated Gate Driver
logo
STMicroelectronics
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
   Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
logo
ON Semiconductor
NCP51561 ONSEMI-NCP51561 Datasheet
3Mb / 32P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 3
NCP51560 ONSEMI-NCP51560 Datasheet
3Mb / 30P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com