Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2839 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC2839
Description  Secondary Side Average Current Mode Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2839 Datasheet(HTML) 3 Page - Texas Instruments

  UCC2839 Datasheet HTML 1Page - Texas Instruments UCC2839 Datasheet HTML 2Page - Texas Instruments UCC2839 Datasheet HTML 3Page - Texas Instruments UCC2839 Datasheet HTML 4Page - Texas Instruments UCC2839 Datasheet HTML 5Page - Texas Instruments UCC2839 Datasheet HTML 6Page - Texas Instruments UCC2839 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
UCC2839
UCC3839
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, 0°C to 70°C for the UCC3839, –40°C to 85° for the
UCC2839. VLINE = 10V, RG = 400
Ω. TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Precision Reference
REF
TJ = 25°C
4.94
5
5.06
V
IREF = 0mA to 1mA, VLINE = 10V to 20V
4.9
5.1
V
VA+/REF
0.298
0.3
0.302
V/V
VDD Regulator
VDD
IDD = 0mA to –15mA, VLINE = 10V to 40V
7
7.5
8
V
IVDD
VLINE = 10V to 40V, CA– = 0V, CA+ = 1V, VA– = 2.9V, CS+
= CS– = 0, IREF = 0
1.3
2
mA
Note 1: Ensured by design. Not 100% tested in production.
CA–: Current Error Amplifier Negative Input.
CAO: Current Error Amplifier Output. Output source cur-
rent is limited, and output sink current is guaranteed to
be greater than the VAO output source current. Current
loop compensation components are generally connected
to CAO and CA–.
CA+: Current Error Amplifier Positive Input.
CS–: Current Sense Amplifier Negative Input.
CSO: Current Sense Amplifier Output. Internally set gain
VOUT/VIN = 8 VIN = 0V results in CSO = 1V.
CS+: Current Sense Amplifier Positive Input.
GM: Gm (transconductance) Programming Pin. Resistor
RGM = 400
Ω to GND.
GND: Chip Ground.
LED: Output of LED Driver. Connect LED from VDD pin
to LED.
REF: 5V Precision Reference Buffer Output. Minimum
Decoupling Capacitance = 0.01
µF
VA–: Voltage Error Amplifier Negative Input. Voltage Er-
ror Amplifier is internally referenced to 1.5V
VAO: Voltage Error Amplifier Output. In a two loop aver-
age current mode control configuration, VAO is con-
nected to CA+ and is the current command signal. VAO
is internally clamped not to exceed 5V for short circuit
control. In a single loop voltage mode control configura-
tion with a parallel average short circuit current control
loop, VAO is connected directly to CAO. Output source
current is limited, and output sink current is guaranteed
to be greater than the CAO output source current.
VDD: 7.5V Regulator output. Supply for most of the chip.
Minimum Decoupling Capacitance = 0.01
µF
VGATE: External FET Gate Control Voltage.
PIN DESCRIPTIONS
Fig. 1 shows a typical secondary side average current
mode controller configuration using the UCC3839. In this
configuration, output voltage is sensed and regulated by
the voltage error amplifier. Its output, VAO provides the
reference for the current error amplifier at the CA+ pin.
VAO can be connected to CA+ directly or through a re-
sistive divider depending on the particular application re-
quirements.
Average current mode control needs accurate output cur-
rent information which is provided by a low value current
sense resistor. The voltage proportional to the con-
verter’s output current is sensed and amplified by the
precision current sense amplifier of the chip. The
onboard current sense amplifier has a gain of 8 and is in-
tended for differential sensing of the shunt voltage with a
common mode voltage range from 0V up to 5V. The out-
put of the current sense amplifier, CSO is 1V for zero in-
put which guarantees that the circuit can control currents
down to 0A.
The CSO signal is fed to the CA– input of the current er-
ror amplifier through a resistor. The current error amplifier
takes the VAO and CSO signals and generates the error
signal for the pulse width modulator.
APPLICATION INFORMATION


Similar Part No. - UCC2839

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2839 TI-UCC2839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
More results

Similar Description - UCC2839

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
UC1826 TI1-UC1826_08 Datasheet
508Kb / 12P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
logo
ON Semiconductor
NCP4353 ONSEMI-NCP4353_15 Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
NCP4355 ONSEMI-NCP4355 Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com