Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27200DDA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27200DDA
Description  120V Boot, 3A Peak, High Frequency, High-Side and Low-Side Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27200DDA Datasheet(HTML) 2 Page - Texas Instruments

  UCC27200DDA Datasheet HTML 1Page - Texas Instruments UCC27200DDA Datasheet HTML 2Page - Texas Instruments UCC27200DDA Datasheet HTML 3Page - Texas Instruments UCC27200DDA Datasheet HTML 4Page - Texas Instruments UCC27200DDA Datasheet HTML 5Page - Texas Instruments UCC27200DDA Datasheet HTML 6Page - Texas Instruments UCC27200DDA Datasheet HTML 7Page - Texas Instruments UCC27200DDA Datasheet HTML 8Page - Texas Instruments UCC27200DDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
UCC27200, UCC27201
SLUS746C – DECEMBER 2006 – REVISED APRIL 2016
www.ti.com
Product Folder Links: UCC27200 UCC27201
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 8
7
Detailed Description ............................................ 12
7.1
Overview ................................................................. 12
7.2
Functional Block Diagram ....................................... 12
7.3
Feature Description................................................. 12
7.4
Device Functional Modes........................................ 13
8
Application and Implementation ........................ 14
8.1
Application Information............................................ 14
8.2
Typical Application .................................................. 15
9
Power Supply Recommendations ...................... 20
10
Layout................................................................... 21
10.1
Layout Guidelines ................................................. 21
10.2
Layout Example .................................................... 21
11
Device and Documentation Support ................. 22
11.1
Documentation Support ........................................ 22
11.2
Related Links ........................................................ 22
11.3
Community Resources.......................................... 22
11.4
Trademarks ........................................................... 22
11.5
Electrostatic Discharge Caution ............................ 22
11.6
Glossary ................................................................ 22
12
Mechanical, Packaging, and Orderable
Information ........................................................... 22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (November 2008) to Revision C
Page
Added Device Information table, Revision History section, Pin Configuration and Functions section, Specifications
section, Detailed Description section, Application and Implementation section, Power Supply Recommendations
section, Layout section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable
Information section ................................................................................................................................................................. 1


Similar Part No. - UCC27200DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27200DDA TI-UCC27200DDA Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200DDA TI-UCC27200DDA Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200DDA TI1-UCC27200DDA Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200DDAR TI-UCC27200DDAR Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results

Similar Description - UCC27200DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27212 TI1-UCC27212 Datasheet
833Kb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210_12 Datasheet
1Mb / 33P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27210A TI1-UCC27210A Datasheet
1Mb / 27P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com