Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2808AN-2 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2808AN-2
Description  LOW POWER CURRENT MODE PUSH-PULL PWM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2808AN-2 Datasheet(HTML) 2 Page - Texas Instruments

  UCC2808AN-2 Datasheet HTML 1Page - Texas Instruments UCC2808AN-2 Datasheet HTML 2Page - Texas Instruments UCC2808AN-2 Datasheet HTML 3Page - Texas Instruments UCC2808AN-2 Datasheet HTML 4Page - Texas Instruments UCC2808AN-2 Datasheet HTML 5Page - Texas Instruments UCC2808AN-2 Datasheet HTML 6Page - Texas Instruments UCC2808AN-2 Datasheet HTML 7Page - Texas Instruments UCC2808AN-2 Datasheet HTML 8Page - Texas Instruments UCC2808AN-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UCC2808A1, UCC2808A2, UCC3808A1, UCC3808A2
LOW POWER CURRENT MODE PUSHPULL PWM
SLUS456D − APRIL 1999 - REVISED AUGUST 2002
2
www.ti.com
description (continued)
The UCC3808A family offers a variety of package options, temperature range options, and choice of undervoltage
lockout levels. The family has UVLO thresholds and hysteresis options for off-line and battery powered systems.
Thresholds are shown in the table below.
The UCC3808A is an enhanced version of the UCC3808 family. The significant difference is that the A versions
feature an internal discharge transistor from the CS pin to ground, which is activated each clock cycle during the
oscillator dead time. The feature discharges any filter capacitance on the CS pin during each cycle and helps minimize
filter capacitor values and current sense delay.
ORDERING INFORMATION
TA = TJ
Packaged Devices
TA = TJ
UVLO Option
SOIC (D)
{
PDIP (N)
TSSOP (PW)
{
−40
°C to 85°C
12.5 V/8.3 V
UCC2808AD−1
UCC2808AN−1
UCC2808APW−1
−40
°C to 85°C
4.3 V/4.1 V
UCC2808AD−2
UCC2808AN−2
UCC2808APW−2
0
°C to 70°C
12.5 V/8.3 V
UCC3808AD−1
UCC3808AN−1
UCC3808APW−1
0
°C to 70°C
4.3 V/4.1 V
UCC3808AD−2
UCC3808AN−2
UCC3808APW−2
† D (SOIC−8) and PW (TSSOP−8) packages are available taped and reeled. Add TR suffix to device type (e.g.
UCC3808ADTR−1) to order quantities of 2500 devices per reel for SOIC-8 and 2000 devices per reel for TSSOP-8.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†}
Supply voltage (IDD
≤ 10 mA)
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply current
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
OUTA/OUTB source current (peak)
−0.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
OUTA/OUTB sink current (peak)
1.0 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog inputs (FB, CS)
−0.3 V to VDD + 0.3 V, not to exceed 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation at TA = 25°C (N package)
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation at TA = 25°C (D package)
650 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation at TA = 25°C (PW package)
400 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
−65
°C to150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature, TJ
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 sec.)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
† Currents are positive into, negative out of the specified terminal. Consult Packaging Section of the Power Supply Control Data Book (TI Literature
Number SLUD003) for thermal limitations and considerations of packages.
electrical characteristics, TA = 0°C to 70°C for the UCC3808A-x, −40°C to 85°C for the UCC2808A-x,
VDD = 10 V (see Note 6), 1-
µF capacitor from VDD to GND, R = 22 kΩ, C = 330 pF TA = TJ, (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator Section
Oscillator frequency
175
194
213
kHz
Oscillator amplitude/VDD
See Note 1
0.44
0.5
0.56
V/V
NOTES:
1. Measured at RC. Signal amplitude tracks VDD.
6. For UCCx808A−1, set VDD above the start threshold before setting at 10 V.


Similar Part No. - UCC2808AN-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808AN-2 TI-UCC2808AN-2 Datasheet
160Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results

Similar Description - UCC2808AN-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI-UCC2808A-1EP Datasheet
181Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808 TI-UCC3808 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC1808- TI-UCC1808- Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_09 Datasheet
257Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_15 Datasheet
957Kb / 22P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI-UCC2808A-1 Datasheet
160Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_13 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com