Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9457501Q2A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9457501Q2A
Description  LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9457501Q2A Datasheet(HTML) 5 Page - Texas Instruments

  5962-9457501Q2A Datasheet HTML 1Page - Texas Instruments 5962-9457501Q2A Datasheet HTML 2Page - Texas Instruments 5962-9457501Q2A Datasheet HTML 3Page - Texas Instruments 5962-9457501Q2A Datasheet HTML 4Page - Texas Instruments 5962-9457501Q2A Datasheet HTML 5Page - Texas Instruments 5962-9457501Q2A Datasheet HTML 6Page - Texas Instruments 5962-9457501Q2A Datasheet HTML 7Page - Texas Instruments 5962-9457501Q2A Datasheet HTML 8Page - Texas Instruments 5962-9457501Q2A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
UCC1806
UCC2806
UCC3806
SLUS272F -- FEBRUARY 2000 -- REVISED AUGUST 2006
5
www.ti.com
ELECTRICAL CHARACTERISTICS
VIN =12V,RT =33kΩ,CT = 330 pF, CBYPASS on VREF =0.01 μF, --55°C to 125°C for the UCC1806, --40°C<TA <85°C for the UCC2806,
0°C<TA <70°C for the UCC3806, and TA =TJ (unless otherwise noted)
SHUTDOWN TERMINAL
Threshold voltage
UCC1806
UCC2806
0.94
1.00
1.06
V
Threshold voltage
UCC3806
0.9
1.0
1.1
V
Input voltage range
0
VIN
tDLY
Delay-to-output time
0V ≤ VSHUTDOWN ≤ 1.3 V
75
150
ns
OUTPUT
Output supply voltage
2.5
15.0
UCC1806
ISINK =20mA
100
300
Low level output voltage
UCC1806
UCC2806
ISINK = 100 mA
0.4
1.1
Low-level output voltage
UCC3806
ISINK =20mA
100
200
V
UCC3806
ISINK = 100 mA
0.4
1.1
V
High level output voltage
ISRC =--20 mA
11.6
11.9
High-level output voltage
ISRC = --100 mA
11.0
11.6
tRISE
Rise time
TJ =25°C,
CLOAD = 1000 pF
35
65
ns
tFALL
Fall time
TJ =25°C,
CLOAD = 1000 pF
35
65
ns
UNDERVOLTAGE LOCKOUT (UVLO)
VSTART Startup threshold voltage
6.5
7.5
8.0
V
Threshold hysteresis
0.75
V
ISTART
Startup current
VIN <VSTART
50
100
μA
I
Operating supply current
1.0
1.4
mA
VIN shunt voltage
IVIN =10mA
15.0
17.5
(1)
Line range = 10 V to 15 V, load range = 0.2 mA to 5 mA
(2)
Ensured by design. Not production tested.
(3)
Parameters measured at trip point of latch with VNI =VREF,VINV =0V.
(4)
Amplifier gain defined as: G = delta change at COMP /delta change forced at CS+ delta voltage at CS+ = 0 to 1V
(5)
Current-sense amplifier output is slew rate limited to provide noise immunity.
THERMAL RESISTANCE TABLE
PACKAGE
DESIGNATOR
PACKAGE TYPE
θJC
(°C/W)
θJA
(°C/W)
D
SOIC--16
35
50 to 120(1)
DW
SOICW--16
27
50 to 100(1)
J
CDIP--16
28
80 to 120
L
CLCC--20
20
70 to 80
M
SSOP--16
38
144 to 172(2)
N
PDIP--16
45
90(1)
PW
TSSOP--16
15
123 to 147(2)
Q
PLCC--20
34
43 to 75(1)
(1) Specified θ JA (junction to ambient) is for devices mounted to 5 in2 FR4 PC board
with one ounce copper where noted. When resistance range is given, lower values
are for 5 in2 aluminum PC board. Test PWB was 0.062 in thick and typically used
0.635 mm trace widths for power packages and 1.3 mm trace widths for non-power
packages with a 100x100 mil probe land area at the end of each trace.
(2) Modeled data. If value range given for θ JA, the lower value is for 3x3 inch1 oz
internal copper ground plane, and the higher value is for 1x1 inch ground plane. All
model data assumes only one trace for each non-fused lead.


Similar Part No. - 5962-9457501Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9457501Q2A TI-5962-9457501Q2A Datasheet
726Kb / 21P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
5962-9457501Q2A TI1-5962-9457501Q2A Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
More results

Similar Description - 5962-9457501Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1806 TI1-UCC1806_13 Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC2806 TI-UCC2806 Datasheet
726Kb / 21P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI-UCC1806 Datasheet
119Kb / 7P
[Old version datasheet]   Low Power, Dual Output, Current Mode PWM Controller
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
   Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
logo
Texas Instruments
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com