Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27200DRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC27200DRG4
Description  120V Boot, 3A Peak, High Frequency, High-Side and Low-Side Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27200DRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC27200DRG4 Datasheet HTML 4Page - Texas Instruments UCC27200DRG4 Datasheet HTML 5Page - Texas Instruments UCC27200DRG4 Datasheet HTML 6Page - Texas Instruments UCC27200DRG4 Datasheet HTML 7Page - Texas Instruments UCC27200DRG4 Datasheet HTML 8Page - Texas Instruments UCC27200DRG4 Datasheet HTML 9Page - Texas Instruments UCC27200DRG4 Datasheet HTML 10Page - Texas Instruments UCC27200DRG4 Datasheet HTML 11Page - Texas Instruments UCC27200DRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
40
42
44
46
48
50
Rising
Falling
8
10
12
16
20
V
DD - Supply Voltage - V
14
18
T = 25oC
8
10
12
16
20
V
DD - Supply Voltage - V
1.0
1.2
1.4
1.6
1.8
2.0
14
18
Rising
Falling
T = 25oC
10
1000
Frequency - kHz
0.1
10.0
100
1.0
-40oC
25oC
150oC
125oC
HB = 12 V
No Load on Outputs
10
1000
Frequency - kHz
0.001
1.0
100
0.01
-40oC
25oC
150oC
125oC
HB = 12 V
No Load on Outputs
0.1
10
1000
Frequency - kHz
0.1
10.0
100
1.0
-40oC
25oC
150oC
125oC
V
DD = 12 V
No Load on Outputs
10
1000
Frequency - kHz
0.1
10.0
100
1.0
-40oC
25oC
150oC
125oC
VDD = 12 V
No Load on Outputs
8
UCC27200, UCC27201
SLUS746C – DECEMBER 2006 – REVISED APRIL 2016
www.ti.com
Product Folder Links: UCC27200 UCC27201
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
Figure 2. UCC27200 IDD Operating Current vs Frequency
Figure 3. UCC27201 IDD Operating Current vs Frequency
Figure 4. Boot Voltage Operating Current vs Frequency
Figure 5. HB to VSS Operating Current vs Frequency
Figure 6. UCC27200 Input Threshold vs Supply Voltage
Figure 7. UCC27201 Input Threshold vs Supply Voltage


Similar Part No. - UCC27200DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27200DR TI-UCC27200DR Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200DRMR TI-UCC27200DRMR Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200DRMT TI-UCC27200DRMT Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200DRMT TI-UCC27200DRMT Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200DRMT TI1-UCC27200DRMT Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results

Similar Description - UCC27200DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27212 TI1-UCC27212 Datasheet
833Kb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210_12 Datasheet
1Mb / 33P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27210A TI1-UCC27210A Datasheet
1Mb / 27P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com