Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3580D-1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3580D-1
Description  Single Ended Active Clamp/Reset PWM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3580D-1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC3580D-1 Datasheet HTML 3Page - Texas Instruments UCC3580D-1 Datasheet HTML 4Page - Texas Instruments UCC3580D-1 Datasheet HTML 5Page - Texas Instruments UCC3580D-1 Datasheet HTML 6Page - Texas Instruments UCC3580D-1 Datasheet HTML 7Page - Texas Instruments UCC3580D-1 Datasheet HTML 8Page - Texas Instruments UCC3580D-1 Datasheet HTML 9Page - Texas Instruments UCC3580D-1 Datasheet HTML 10Page - Texas Instruments UCC3580D-1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
UCC1580-1,-2,-3,-4
UCC2580-1,-2,-3,-4
UCC3580-1,-2,-3,-4
Output Configurations
The UCC3580 family of ICs is designed to provide con-
trol functions for single ended active clamp circuits. For
different implementations of the active clamp approach,
different drive waveforms for the two switches (main and
auxiliary) are required. The -3 and -4 versions of the IC
supply
complementary
non-overlapping
waveforms
(OUT1 and OUT2) with programmable delay which can
be used to drive the main and auxiliary switches. Most
active clamp configurations will require one of these out-
puts to be transformer coupled to drive a floating switch
(e.g. Figure 5). The -1 and -2 versions have the phase of
OUT2 inverted to give overlapping waveforms. This con-
figuration is suitable for capacity coupled driving of a
ground referenced p-channel auxiliary switch with the
OUT2 drive while OUT1 is directly driving an n-channel
main switch (e.g. Figure 4).
The programmable delay can be judiciously used to get
zero voltage turn-on of both the main and auxiliary
switches in the active clamp circuits. For the UCC3580,
a single pin is used to program the delays between
OUT1 and OUT2 on both sets of edges. Figure 1 shows
the relationships between the outputs. Figure 2 gives the
ratio between the two delays. During the transition from
main to auxiliary switch, the delay is not very critical for
ZVS turn-on. For the first half of OUT1 off-time, the body
diode of the auxiliary switch conducts and OUT2 can be
turned on any time. The transition from auxiliary to main
switch is more critical. Energy stored in the parasitic in-
ductance(s) at the end of the OUT2 pulse is used to dis-
charge the parasitic capacitance across the main switch
during the delay time. The delay (Delay 1) should be op-
timally programmed at 1/4 the resonant period deter-
mined by parasitic capacitance and the resonant
inductor (transformer leakage and/or magnetizing induc-
tances, depending on the topology). However, depend-
ing on other circuit parasitics, the resonant behavior can
change, and in some cases, ZVS turn-on may not be ob-
tainable. It can be shown that the optimum delay time is
independent of operating conditions for a specific circuit
and should be determined specifically for each circuit.
APPLICATION INFORMATION (cont.)
Figure 4. Active clamp forward converter.
UDG-95071-2


Similar Part No. - UCC3580D-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3580D-1 TI-UCC3580D-1 Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC3580D-1 TI1-UCC3580D-1 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC3580D-1G4 TI-UCC3580D-1G4 Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC3580D-1G4 TI1-UCC3580D-1G4 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
More results

Similar Description - UCC3580D-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1580 TI1-UCC1580 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580- TI-UCC1580- Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
logo
ON Semiconductor
NCP1562A ONSEMI-NCP1562A Datasheet
310Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
NCP1562A ONSEMI-NCP1562A Datasheet
483Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
NCP1282 ONSEMI-NCP1282 Datasheet
281Kb / 23P
   High Performance Active Clamp/Reset PWM Controller Featuring 500 V Startup
December, 2006 ??Rev. 0
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
   Active Clamp Forward PWM Controller
logo
Renesas Technology Corp
ISL6726 RENESAS-ISL6726 Datasheet
1Mb / 21P
   Active Clamp Forward PWM Controller
logo
Intersil Corporation
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
   Active Clamp Forward PWM Controller
January 31, 2011
logo
International Rectifier
IRF6216TRPBF IRF-IRF6216TRPBF Datasheet
129Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6218STRLPBF IRF-IRF6218STRLPBF Datasheet
305Kb / 9P
   Reset Switch for Active Clamp Reset DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com